Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXLD1370EST16TC Datasheet(PDF) 11 Page - Diodes Incorporated

Part # ZXLD1370EST16TC
Description  60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1370EST16TC Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button ZXLD1370EST16TC Datasheet HTML 7Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 8Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 9Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 10Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 11Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 12Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 13Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 14Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 15Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
ZXLD1370
Document number: DS32165 Rev. 6 - 2
11 of 40
www.diodes.com
December 2016
© Diodes Incorporated
ZXLD1370
Typical Characteristics (Cont.) Buck Mode – RS = 300mΩ, L = 47µH
0.715
0.720
0.725
0.730
0.735
0.740
6.5
11
15.5
20
24.5
29
33.5
38
42.5
47
51.5
56
60.5
INPUT VOLTAGE (V)
Figure 12 I
vs. Input & Number of LED
LED
2 LEDs
3 LEDs
5 LEDs
7 LEDs
9 LEDs
11 LEDs
13 LEDs
15 LEDs
T = 25°C
V
= V
A
AUX
IN
0
100
200
300
400
500
600
700
800
900
1000
INPUT VOLTAGE (V)
Figure 13 Frequency ZXLD1370 - Buck Mode - L47µH
2 LEDs
3 LEDs
5 LEDs
7 LEDs
9 LEDs
11 LEDs
13 LEDs
15 LEDs
T = 25°C
V
= V
A
AUX
IN
6.5
11
15.5
20
24.5
29
33.5
38
42.5
47
51.5
56
60.5
100
INPUT VOLTAGE (V)
Figure 14 Efficiency vs. Input Voltage & Number of LED
2 LEDs
3 LEDs
5 LEDs
7 LEDs
9 LEDs
11 LEDs
13 LEDs
15 LEDs
T
= 25°C
V
= V
A
AUX
IN
6.5
11
15.5
20
24.5
29
33.5
38
42.5
47
51.5
56
60.5
95
90
85
80
75
70
65
60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com