Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXLD1370EST16TC Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXLD1370EST16TC
Description  60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1370EST16TC Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXLD1370EST16TC Datasheet HTML 1Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 2Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 3Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 4Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 5Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 6Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 7Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 8Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
ZXLD1370
Document number: DS32165 Rev. 6 - 2
1 of 40
www.diodes.com
December 2016
© Diodes Incorporated
ZXLD1370
60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST
LED DRIVER-CONTROLLER WITH AEC-Q100
Description
The ZXLD1370 is an LED driver controller IC for driving external
MOSFETs to drive high current LEDs. It is a multi-topology controller
that efficiently controls the current through series connected LEDs.
The multi-topology enables it to operate in buck, boost and buck-
boost configurations.
The 60V capability, coupled with its multi-topology capability, enables
it to be used in a wide range of applications and drive in excess of 15
LEDs in series.
The ZXLD1370 is a modified hysteretic controller using a patent
pending control scheme providing high output current accuracy in all
three modes of operation. High accuracy dimming is achieved
through DC control and high frequency PWM control.
The ZXLD1370 uses two pins for fault diagnosis. A flag output
highlights a fault, while the multi-level status pin gives further
information on the exact fault.
Features
0.5% Typical Output Current Accuracy
6V to 60V Operating Voltage Range
LED Driver Supports Buck, Boost and Buck-Boost
Configurations
Wide Dynamic Range Dimming
20:1 DC Dimming
1000:1 Dimming Range at 500Hz
Up to 1MHz Switching
High Temperature Control of LED Current Using TADJ
Available in Automotive Grade with AEC-Q100 and TS16949
Certification
Available in “Green” Molding Compound (No Br, Sb) with Lead
Free Finish/ RoHS Compliant
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
An Automotive-Compliant Part is Available Under Separate
Data Sheet (ZXLD1370Q)
Pin Assignments
TSSOP-16EP
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and Lead-free.
3. Halogen- and Antimony-free "
Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.


Similar Part No. - ZXLD1370EST16TC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXLD1370EST16TC DIODES-ZXLD1370EST16TC Datasheet
859Kb / 36P
60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER-CONTROLLER WITH AEC-Q100
Rev 4
More results

Similar Description - ZXLD1370EST16TC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXLD1374 DIODES-ZXLD1374 Datasheet
733Kb / 35P
60V HIGH ACCURACY 1.5A BUCK/BOOST/BUCK-BOOST LED DRIVER CONVERTER
DS35032 Rev. 1 - 2
ZXLD1370 DIODES-ZXLD1370 Datasheet
856Kb / 33P
60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER CONTROLLER
DS32165 Rev. 2 - 2
ZXLD1370 DIODES-ZXLD1370_11 Datasheet
731Kb / 35P
60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER CONTROLLER
Rev 3
ZXLD1370_1103 DIODES-ZXLD1370_1103 Datasheet
859Kb / 36P
60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER-CONTROLLER WITH AEC-Q100
Rev 4
ZXLD1374 DIODES-ZXLD1374_11 Datasheet
844Kb / 37P
60V HIGH ACCURACY 1.5A BUCK/BOOST/BUCK-BOOST
Rev 2
ZXLD1371 DIODES-ZXLD1371 Datasheet
1Mb / 42P
60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER-CONTROLLER
FEBRUARY 2012
logo
Linear Technology
LT3790 LINER-LT3790_15 Datasheet
451Kb / 28P
60V Synchronous 4-Switch Buck-Boost Controller
LTM8054 LINER-LTM8054 Datasheet
608Kb / 8P
36VIN, 5.4A Buck-Boost 36VIN, 5.4A Buck-Boost
LT8391AIFE LINER-LT8391AIFE Datasheet
533Kb / 10P
60V 2MHz Synchronous Buck-Boost LED Driver
logo
Diodes Incorporated
AL8871Q DIODES-AL8871Q Datasheet
772Kb / 28P
60V BUCK-BOOST LED CONTROLLER
August 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com