Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXLD1370EST16TC Datasheet(PDF) 31 Page - Diodes Incorporated

Part # ZXLD1370EST16TC
Description  60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1370EST16TC Datasheet(HTML) 31 Page - Diodes Incorporated

Back Button ZXLD1370EST16TC Datasheet HTML 27Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 28Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 29Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 30Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 31Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 32Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 33Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 34Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 35Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 40 page
background image
ZXLD1370
Document number: DS32165 Rev. 6 - 2
31 of 40
www.diodes.com
December 2016
© Diodes Incorporated
ZXLD1370
Application Information (Cont.)
Diagnostic signals should be ignored during the device start-
up for 100μs. The device start up sequence will be initiated
both during the first power on of the device or after the PWM
signal is kept low for more than 15ms, initiating the standby
state of the device.
In particular, during the first 100μs the diagnostic is signaling
an overcurrent then an out-of-regulation status. These two
events are due to the charging of the inductor and are not true
fault conditions.
VREF
0V
Over
Current
225mV/R1
0A
Out of
regulation
100us
Figure 36 Diagnostic During Start-Up
Boosting VAUX Supply Voltage in Boost and Buck-Boost Mode
When the input voltage is lower than 8V, the gate voltage will also be lower 8V. This means that depending on the characteristics of the external
MOSFET, the gate voltage may not be enough to fully enhance the power MOSFET. This boosting technique is particularly important when the
output MOSFET is operating at full current, since the boost circuit allows the gate voltage to be higher than 12V. This guarantees that the
MOSFET is fully enhanced reducing both the power dissipation and the risk of thermal runaway of the MOSFET itself. An extra diode D2 and
decoupling capacitor C3 can be used, as shown below in Figure 37, to generate a boosted voltage at VAUX when the input supply voltage at VIN
is below 8V. This enables the device to operate with full output current when VIN is at the minimum value of 6V. In the case of a low voltage
threshold MOSFET, the bootstrap circuit is generally not required.
R1
L
ISM
VIN
VAUX
VIN
C3
D1
Drain of
external
switch
D2
LED1..n
R2
D3
Buck-Boost
mode
Boost
mode
Figure 37 Bootstrap Circuit for Boost and Buck-Boost Low Voltage Operations
The resistor R2 can be used to limit the current in the bootstrap circuit in order to reduce the impact of the circuit itself on the LED accuracy. The
impact on the LED current is usually a decrease of maximum 5% compared to the nominal current value set by the sense resistor.
The Zener diode D3 is used to limit the voltage on the VAUX pin to less than 60V.
Due to the increased number of components and the loss of current accuracy, the bootstrap circuit is recommended only when the system has to
operate continuously in conditions of low input voltage (between 6 and 8V) and high load current. Other circumstances such as low input voltage
at low load current, or transient low input voltage at high current should be evaluated keeping account of the external MOSFET power
dissipation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com