Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXLD1370EST16TC Datasheet(PDF) 9 Page - Diodes Incorporated

Part # ZXLD1370EST16TC
Description  60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1370EST16TC Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button ZXLD1370EST16TC Datasheet HTML 5Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 6Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 7Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 8Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 9Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 10Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 11Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 12Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 13Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
ZXLD1370
Document number: DS32165 Rev. 6 - 2
9 of 40
www.diodes.com
December 2016
© Diodes Incorporated
ZXLD1370
Typical Characteristics (Continued)
0
250
500
750
1000
1250
1500
0
0.5
1
1.5
2
2.5
0
150
300
450
600
750
900
ADJ VOLTAGE (V)
Figure 5 Buck LED Current, Switching Frequency vs. VADJ
0
50
100
150
200
250
300
350
400
450
500
550
600
650
700
0
0.5
1
1.5
2
2.5
0
200
400
600
800
1000
1200
1400
ADJ VOLTAGE
Figure 6 Buck-Boost LED Current, Switching Frequency vs. VADJ
T = 25°C
V
= V
= 24V
8LEDs
L = 33 H
GI = 0.23
R = 300m
A
AUX
IN
S
µ
Switching
Frequency
ILED
0
50
100
150
200
250
300
350
400
450
500
550
600
650
700
0
0.25 0.5 0.75 1 1.25 1.5 1.75 2 2.25 2.5
0
100
200
300
400
500
600
700
ADJ VOLTAGE
Figure 7 Boost LED Current, Switching Frequency vs. VADJ
Switching
Frequency
ILED
T = 25°C
V
= V
= 12V
12 LEDs
L = 33 H
R = 300m
A
AUX
IN
S
µ
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
6
12
18
24
30
36
42
48
54
60
INPUT VOLTAGE (V)
Figure 8 Duty Cycle vs. Input Voltage
T = 25 C
L = 33µH
R = 150m
Buck Mode
2 LEDS
A
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com