Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXLD1370EST16TC Datasheet(PDF) 15 Page - Diodes Incorporated

Part # ZXLD1370EST16TC
Description  60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1370EST16TC Datasheet(HTML) 15 Page - Diodes Incorporated

Back Button ZXLD1370EST16TC Datasheet HTML 11Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 12Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 13Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 14Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 15Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 16Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 17Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 18Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 19Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
ZXLD1370
Document number: DS32165 Rev. 6 - 2
15 of 40
www.diodes.com
December 2016
© Diodes Incorporated
ZXLD1370
Application Information (Continued)
b) Boost and Buck-Boost Modes
– the most simple boost/buck-boost circuit shown in Figure 23
Control in Boost and Buck-Boost mode is achieved by sensing the coil
current in the series resistor RS, connected between the two inputs of a
current monitor within the control loop block. An output from the control loop
drives the input of a comparator which drives the gate of the external NMOS
switch transistor Q1 via the internal Gate Driver. When the switch is on, the
drain voltage of Q1 is near zero. Current flows from VIN, via RS, coil and
switch to ground. This current ramps up until an upper threshold value is
reached (see Figure 24). At this point GATE goes low, the switch is turned
off and the drain voltage increases to either:
1)
the load voltage VLEDS plus the forward voltage of D1 in Boost
configuration,
or
2)
the load voltage VLEDS plus the forward voltage of D1 plus VIN in
Buck-Boost configuration.
Current flows via RS, coil, D1 and LED back to VIN (Buck-boost mode), or
GND (Boost mode). When the coil current has ramped down to a lower
threshold value, GATE goes high, the switch is turned on again and the
cycle of events repeats, resulting in continuous oscillation. The feedback
loop adjusts the NMOS switch duty cycle to stabilize the LED current in
response to changes in external conditions, including input voltage and load
voltage. Loop compensation is achieved by a single external capacitor C2,
connected between SHP and SGND. Note that in reality, a load capacitor
COUT is used, so that the LED current waveform shown is smoothed.
The average current in the sense resistor and coil, IRS, is equal to the
average of the maximum and minimum threshold currents and the ripple
current (hysteresis) is equal to the difference between the thresholds.
The average current in the LED, ILED, is always less than IRS. The feedback
control loop adjusts the switch duty cycle, D, to achieve a set point at the
sense resistor. This controls IRS. During the interval tOFF, the coil current
flows through D1 and the LED load. During tON, the coil current flows
through Q1, not the LEDs. Therefore the set point is modified by D using a
gating function to control ILED indirectly. In order to compensate internally for
the effect of the gating function, a control factor, GI_ADJ is used. GI_ADJ is
set by a pair of external resistors, RGI1 and RGI2 (Figure 23). This allows the
sense voltage to be adjusted to an optimum level for power efficiency
without significant error in the LED controlled current.
2
RGI
1
RGI
1
RGI
ADJ
_
GI
Equation 2
(Boost and Buck-Boost modes)
The control loop sets the duty cycle so that the sense resistor current is:




V
V
D
1
ADJ
_
GI
R
225
.
0
R
REF
ADJ
S
S
Equation 3
(Boost and Buck-Boost modes)
IRS equals the coil current. The coil is connected only to the switch and the
schottky diode. The schottky diode passes the LED current.
Figure 23 Boost and Buck-Boost Configuration
Figure 24 Operating Waveforms
(Boost and Buck-Boost modes)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com