Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXLD1370EST16TC Datasheet(PDF) 34 Page - Diodes Incorporated

Part # ZXLD1370EST16TC
Description  60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1370EST16TC Datasheet(HTML) 34 Page - Diodes Incorporated

Back Button ZXLD1370EST16TC Datasheet HTML 30Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 31Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 32Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 33Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 34Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 35Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 36Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 37Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 38Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 40 page
background image
ZXLD1370
Document number: DS32165 Rev. 6 - 2
34 of 40
www.diodes.com
December 2016
© Diodes Incorporated
ZXLD1370
Application Information (Cont.)
Application Examples
Example 1: 2.8A Buck LED Driver
In this application example, the ZXLD1370 is connected as a buck LED driver. The schematic and parts list are shown below. The LED driver is
able to deliver 2.8A of LED current with an input voltage range of 8V to 24V. In order to achieve high efficiency at high LED current, a Super
Barrier Rectifier (SBR
®) with a low forward voltage is used as the freewheeling rectifier.
This LED driver is suitable for applications which require high LED current such as LED projector, automatic LED lighting, etc.
Figure 40 Application Circuit: 2.8A Buck LED Driver
Table 3: Bill of Material
Ref No.
Value
Part No.
Manufacturer
U1
60V LED Driver
ZXLD1370
Diodes Incorporated
Q1
60V MOSFET
ZXMN6A09K
Diodes Incorporated
D1
45V 10A SBR
SBR10U45SP5
Diodes Incorporated
L1
33µH 4.2A
744770933
Wurth Electronik
C1
100pF 50V
SMD 0805/0603
Generic
C2
1uF 50V X7R
SMD1206
Generic
C3 C4 C5
4.7µF 50V X7R
SMD1210
Generic
R1 R2 R3
300m
Ω 1%
SMD1206
Generic
R4
400m
Ω 1%
SMD1206
Generic
R5
0
Ω
SMD 0805/0603
Generic
SBR is a registered trademark of Diodes Incorporated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com