Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC89C53RC Datasheet(PDF) 104 Page - STCmicro Technology Co,.Ltd

Part # STC89C53RC
Description  Enhanced 80C51 Central Processing Unit ,6T or 12T per machine cycle
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STC [STCmicro Technology Co,.Ltd]
Direct Link  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC89C53RC Datasheet(HTML) 104 Page - STCmicro Technology Co,.Ltd

Back Button STC89C53RC Datasheet HTML 100Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 101Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 102Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 103Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 104Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 105Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 106Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 107Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 108Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 165 page
background image
RCAP2L
EQU
0CAH
RCAP2H
EQU
0CBH
TH2
EQU
0CDH
TL2
EQU
0CCH
;------------------------------------------------------------------------------------------------------------------
;Set baud rate auto-relaod value
RELOAD_COUNT_HIGH EQU
0FFH
;RELOAD_COUNT_HIGH must be set for 0FFH when the following parameters are used
;RELOAD_COUNT_LOW
EQU
0FAH
;SYSclk=22.1184MHz, Baud=115200
;RELOAD_COUNT_LOW
EQU
0EEH
;SYSclk=22.1184MHz, Baud=38400
;RELOAD_COUNT_LOW
EQU
0F0H
;SYSclk=20.000MHz, Baud=38400
;RELOAD_COUNT_LOW
EQU
0F6H
;SYSclk=12.000MHz, Baud=38400
;RELOAD_COUNT_LOW
EQU
0FDH
;SYSclk=11.059MHz, Baud=115200
;RELOAD_COUNT_LOW
EQU
0F7H
;SYSclk=11.059MHz, Baud=38400
;RELOAD_COUNT_LOW
EQU
0F8H
;SYSclk=10.000MHz, Baud=38400
;RELOAD_COUNT_LOW
EQU
0FBH
;SYSclk=6.000MHz, Baud=38400
;RELOAD_COUNT_LOW
EQU
0FCH
;SYSclk=5.000MHz, Baud=38400
;RELOAD_COUNT_LOW
EQU
070H
;SYSclk=11.059MHz, Baud=2400
;-----------------------------------------------------------------------------------------------------
;calculate auto-reload value
;------------------------------------------------------------------------------------------------------
;RELOAD=INT(SYSclk/Baud/32+0.5), INT means geting integer part and abandoning fractional part
;change the decimal RELOAD to hexadecimal, and save the value from 1000H subtracting RELOAD into
RCAP2H, RCAP2L
;------------------------------------------------------------------------------------------------------
ORG
0000H
AJMP
MAIN
;------------------------------------------------------------------------------------------------------
ORG
0023H
;RS232 serial port interrupt
AJMP
UART
NOP
NOP
;-------------------------------------------------------------------------------------------------------
MAIN:
MOV
SP,
#0E0H
ACALL Initial_UART
;Initialize serial port
MOV
R0,
#30H
;Send ten characters "0123456789"
MOV
R2,
#10
LOOP:
MOV
A,
R0
ACALL Send_One_Byte
;Send one byte
INC
R0
DJNZ
R2,
LOOP
WAIT1:
SJMP
WAIT1
;dynamic stop
104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com