Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC89C53RC Datasheet(PDF) 106 Page - STCmicro Technology Co,.Ltd

Part # STC89C53RC
Description  Enhanced 80C51 Central Processing Unit ,6T or 12T per machine cycle
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STC [STCmicro Technology Co,.Ltd]
Direct Link  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC89C53RC Datasheet(HTML) 106 Page - STCmicro Technology Co,.Ltd

Back Button STC89C53RC Datasheet HTML 102Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 103Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 104Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 105Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 106Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 107Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 108Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 109Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 110Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 165 page
background image
If Timer 2 in Programmabel Clock Out mode, some operations as shown below should be done:
Set T2OE bit in T2MOD register.
Clear C/T2 bit in T2CON register.
Determine the 16-bit reload value from the formula and enter it in the RCAP2H and RCAP2L registers.
Enter the same reload value as the initial value in the TH2 and TL2 registers.
Set TR2 bit in T2CON register to start the Timer 2.
•
•
•
•
•
Timer 2 Interrupt
T2EX Pin (P1.1)
EXF2
Transition
Detector
control
EXEN2
SYSclk
control
T2 Pin (P1.0)
MCU in 12T mode
MCU in 6T mode
TL2
(8 Bits)
RCAP2L
÷12
÷6
TR2
TH2
(8 Bits)
RCAP2H
C/T2
÷2
T2OE
Timer 2 in Programmable Clock Output Mode
Programmable Clock Output Mode
The STC89xx seires is able to generate a programmable clock output on P1.0. When T2OE bit is set and C//T2
bit is cleared, Timer 2 overflow pulse will generate a 50% duty clock and output that to P1.0. The frequency of
clock-out is calculated according to the following formula.
Baud Rate=
SYSclk
n×[65536 - (RCAP2H, RCAP2L)
when MCU in 12T mode, n=4; when MCU in 6T mode, n=2.
Note Timer 2 overflag, TF2 will always not be set in this mode.
The input clock, SYSclk/2, increments the 16-bit timer (TH2, TL2). The timer repeatedly counts to overflow from
a loaded value. Once overflows occur, the contents of (RCAP2H, RCAP2L) are loaded into (TH2, TL2) for the
consecutive counting. In the clock-out mode, Timer2 rollovers will not generate an interrupt. This is similar to
when Timer 2 is used as a baud-rate generator. It is possible to use Timer 2 as a baud rate generator and a clock
generator simultaneously. Note, however, that the baud-rate and the clock-out frequency depend on the same
overflow rate of Timer 2.The following figure shows the Timer 2 in programmable clock output mode.
106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com