Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC89C53RC Datasheet(PDF) 109 Page - STCmicro Technology Co,.Ltd

Part # STC89C53RC
Description  Enhanced 80C51 Central Processing Unit ,6T or 12T per machine cycle
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STC [STCmicro Technology Co,.Ltd]
Direct Link  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC89C53RC Datasheet(HTML) 109 Page - STCmicro Technology Co,.Ltd

Back Button STC89C53RC Datasheet HTML 105Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 106Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 107Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 108Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 109Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 110Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 111Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 112Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 113Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 165 page
background image
Chapter 8 UART with enhanced function
The serial port of STC89xx series is full duplex, meaning it can transmit and receive simultaneously. It is
also receive-buffered, meaning it can commence reception of a second byte before a previously received byte has
been read from
the reeeive register. (However,if the first byte still hasn’t been read by the time reception of
the second byte is complete, one of the bytes will be lost). The serial port receive and transmit share the same
SFR – SBUF, but actually there is two SBUF registers in the chip, one is for transmit and the other is for receive.
The serial port can be operated in 4 different modes: Mode 0 provides synchronous communication while Modes
1, 2, and 3 provide asynchronous communication. The asynchronous communication operates as a full-duplex
Universal Asynchronous Receiver and Transmitter (UART), which can transmit and receive simultaneously and at
different baud rates.
Serial communiction involves the transimission of bits of data through only one communication line. The data are
transimitted bit by bit in either synchronous or asynchronous format. Synchronous serial communication transmits
ont whole block of characters in syschronization with a reference clock while asynchronous serial communication
randomly transmits one character at any time, independent of any clock.
Symbol
Description
Address
Bit Address and Symbol
MSB
LSB
Value after
Power-on or
Reset
SCON
Serial Control
98H
SM0/FE SM1
SM2
REN
TB8
RB8
TI
RI
0000 0000B
SBUF
Serial Buffer
99H
xxxx xxxxB
PCON
Power Control
87H
SMOD SMOD0
-
POF
GF1
GF0
PD
IDL
00x1 0000B
IE
Interrupt Enable
A8H
EA
-
ET2
ES
ET1
EX1
ET0
EX0
0000 0000B
IP
Interrupt Priority
Low
B8H
-
-
PT2
PS
PT1
PX1
PT0
PX0
xx00 0000B
IPH
Interrupt Priority
High
B7H
PX3H
PX2H
PT2H
PSH PT1H PX1H PT0H
PX0H
0000 0000B
SADEN
Slave Address
Mask
B9H
0000 0000B
SADDR
Slave Address
A9H
0000 0000B
109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com