Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC89C53RC Datasheet(PDF) 119 Page - STCmicro Technology Co,.Ltd

Part # STC89C53RC
Description  Enhanced 80C51 Central Processing Unit ,6T or 12T per machine cycle
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STC [STCmicro Technology Co,.Ltd]
Direct Link  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC89C53RC Datasheet(HTML) 119 Page - STCmicro Technology Co,.Ltd

Back Button STC89C53RC Datasheet HTML 115Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 116Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 117Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 118Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 119Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 120Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 121Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 122Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 123Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 165 page
background image
Serial Port Mode 3
STC MCU INTERNAL BUS
SBUF
ZERO DETECTOR
TX CONTROL
SHIFT
START
TX CLOCK
TI
D S Q
CL
RX CONTROL SHIFT
LOAD
SBUF
START
RX CLOCK
RI
INPUT SHIFT REG
.
(9 BITS)
SBUF
STC MCU INTERNAL BUS
WRITE
TO
SBUF
1FFH
÷16
SHIFT
LOAD
SBUF
READ
SBUF
SERIAL
PORT
INTERRUPT
SEND
DATA
TB8
TXD
÷16
1-TO-0
TRANSITION
DETECTOR
SAMPLE
BIT
DETECTOR
RXD
RCLK
TCLK
"0" "1"
÷2
SMOD
=0
SMOD
=1
"0" "1"
TIMER 2
OVERFLOW
TIMER 1
OVERFLOW
WRITE TO SBUF
SEND
SHIFT
DATA
D1
D0
TXD
D2
D3
D4
D5
D6
D7
START BIT
STOP BIT
TI
TRANSMIT
TX
CLOCK
D1
D0
RXD
D2
D3
D4
D5
D6
D7
START BIT
STOP BIT
RX CLOCK
÷16 RESET
BIT DETECTOR SAMPLE TIMES
RECEIVE
STOP BIT GEN
TB8
RB8
SHIFT
RI
119



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com