Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC89C53RC Datasheet(PDF) 120 Page - STCmicro Technology Co,.Ltd

Part # STC89C53RC
Description  Enhanced 80C51 Central Processing Unit ,6T or 12T per machine cycle
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STC [STCmicro Technology Co,.Ltd]
Direct Link  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC89C53RC Datasheet(HTML) 120 Page - STCmicro Technology Co,.Ltd

Back Button STC89C53RC Datasheet HTML 116Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 117Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 118Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 119Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 120Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 121Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 122Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 123Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 124Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 165 page
background image
8.4 Automatic Address Recognition
Automatic Address Recognition is a future which allows the UART to recognize certain addresses in the serial
bit stream by using hardware to make the comparisons. This feature saves a great deal of software overhead by
eliminating the need for the software to examine every serial address which passes by the serial port. This feature
is enabled by setting the SM2 bit in SCON. In the 9-bit UART modes, Mode 2 and Mode 3, the Receive interrupt
flag(RI) will be automatically set when the received byte contains either the “Given” address or the “Broadcast”
address. The 9-bit mode requires that the 9
th information bit is a “1” to indicate that the received information is an
address and not data.
The 8-bit mode is called Mode 1. In this mode the RI flag will be set if SM2 is enabled and the information
received has a valid stop bit following the 8 address bits and the information is either a Given or Broadcast
address.
Mode 0 is the Shift Register mode and SM2 is ignored.
Using the Automatic Address Recognition feature allows a master to selectively communicate with one or more
slaves by invoking the given slave address or addresses. All of the slaves may be contacted by using the broadcast
address. Two special function registers are used to define the slave’s address, SADDR, and the address mask,
SADEN. SADEN is used to define which bits in the SADDR are to be used and which bits are “don’t care”. The
SADEN mask can be logically ANDed with the SADDR to create the “Given” address which the master will
use for addressing each of the slaves. Use of the Given address allows multiple slaves to be recognized which
excluding others. The following examples will help to show the versatility of this scheme :
Slave 0
SADDR = 1100 0000
SADEN = 1111 1101
GIVEN = 1100 00x0
Slave 1
SADDR = 1100 0000
SADEN = 1111 1110
GIVEN = 1100 000x
In the previous example SADDR is the same and the SADEN data is used to differentiate between the two slaves.
Slave 0 requires a “0” in bit 0 and it ignores bit 1. Slave 1 requires a “0” in bit 1 and bit 0 is ignored. A unique
address for slave 0 would be 11000010 since slave 1 requires a “0” in bit 1. A unique address for slave 1 would
be 11000001 since a “1” in bit 0 will exclude slave 0. Both slaves can be selected at the same time by an address
which has bit 0=0 (for slave 0) and bit 1 =0 (for salve 1). Thus, both could be addressed with 11000000.
In a more complex system the following could be used to select slaves 1 and 2 while excluding slave 0:
Slave 0
SADDR = 1100 0000
SADEN = 1111 1001
GIVEN = 1100 0xx0
Slave 1
SADDR = 1110 0000
SADEN = 1111 1010
GIVEN = 1110 0x0x
Slave 2
SADDR = 1110 0000
SADEN = 1111 1100
GIVEN = 1110 00xx
120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com