Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS511 Datasheet(PDF) 4 Page - Fortune Semiconductor Corp.

Part # FS511
Description  18-bit ADC with 1 low noise OPAMP
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS511 Datasheet(HTML) 4 Page - Fortune Semiconductor Corp.

  FS511 Datasheet HTML 1Page - Fortune Semiconductor Corp. FS511 Datasheet HTML 2Page - Fortune Semiconductor Corp. FS511 Datasheet HTML 3Page - Fortune Semiconductor Corp. FS511 Datasheet HTML 4Page - Fortune Semiconductor Corp. FS511 Datasheet HTML 5Page - Fortune Semiconductor Corp. FS511 Datasheet HTML 6Page - Fortune Semiconductor Corp. FS511 Datasheet HTML 7Page - Fortune Semiconductor Corp. FS511 Datasheet HTML 8Page - Fortune Semiconductor Corp. FS511 Datasheet HTML 9Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
1.
General Description
The FS511 is a high-resolution analog-to-digital converter (ADC) chip. The core of this chip is an 18-bit
resolution ADC. Besides the ADC, FS511 consists of switching circuits, operational amplifier, digital filter,
crystal oscillation circuits, digital control logic, and microprocessor interface. Under 5V working voltage, this
chip consumes 1.2mA power.
2.
Features
Delta-Sigma ADC, 18-bit high-resolution 10Hz output rate (Programmable).
Linearity Error: 0.005%FS
Voltage operation ranges from 4.5V to 6V.
4MHz crystal oscillator.
Operation current is less than 1.2mA; sleep mode current is about 1A.
SPI Interface to Micro-Processor
Package: 20-pin DIP, 20-pin SOP.
3.
Applications
Electronics Weigh Scale
Sensor or Transducer measurement application
Others
4.
Ordering Information
Product Number
Description
Package Type
FS511-PI
DIP20 Pb free package part number.
DIP20 (Pb free package)
FS511-PHB
SOP20 Pb free package part number.
SOP20 (Pb free package)
FS511-GHB
SOP20 “ROHS” package part number.
SOP20 (“ROHS” package)
5.
Pin Configuration
FS511
6
5
7
9
8
10
OPP
OPN
VRH
VRL
SGND
VS
VSSA
4
3
2
FTC
FTB
OPO
1
15
16
14
12
13
11
XTALI
DO/IRQO
XTALO
VDD
VCC
AGND
VSS
17
18
19
SK
CS
DI
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com