Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS511 Datasheet(PDF) 13 Page - Fortune Semiconductor Corp.

Part # FS511
Description  18-bit ADC with 1 low noise OPAMP
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS511 Datasheet(HTML) 13 Page - Fortune Semiconductor Corp.

Back Button FS511 Datasheet HTML 9Page - Fortune Semiconductor Corp. FS511 Datasheet HTML 10Page - Fortune Semiconductor Corp. FS511 Datasheet HTML 11Page - Fortune Semiconductor Corp. FS511 Datasheet HTML 12Page - Fortune Semiconductor Corp. FS511 Datasheet HTML 13Page - Fortune Semiconductor Corp. FS511 Datasheet HTML 14Page - Fortune Semiconductor Corp. FS511 Datasheet HTML 15Page - Fortune Semiconductor Corp. FS511 Datasheet HTML 16Page - Fortune Semiconductor Corp. FS511 Datasheet HTML 17Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
11..3.2.
Digital Filter
In Symbolic Diagram of the Delta-Sigma Analog-to-Digital Converter, the 1-bit output of the comparator
should be fed to the digital low pass filter to do decimation to find the high resolution multiple-bit digital output.
The transfer function of the FS511 digital filter is:
Equation 2
 
2
2
s i n
s i n
1


S
S
f
f
f
f
N
N
f
H
Where N is TAP of the digital filter.
Suppose the sampling rate of the ADC is 83.3KHz, the TAP of the digital filter is 8192. We can find the
frequency response diagram of the digital filter as shown in Fig . The first zero is at:
Equation 3
Hz
10
8192
Hz
83333
1
N
f
f
S
Z
The Frequency Response Diagram of FS511 Digital Filter
0
20
40
60
80
100
-200
-150
-100
-50
0
Hz
The zero points fall at multiples of 10Hz. The digital filter will filter out all the signals near the zero points.
From above figure., we can find that the noises at 50Hz and 60Hz are suppressed very well. If the sampling
rate is 83KHz and the TAP of the filter is 16384, the first zero-frequency is at 5Hz.
The output rate is selected by TPS [2:0].
TPS [2:0]
TAP (N)
ADC Output Rate and First Zero Frequency(Hz)
111
16384
5
110
8192
10
101
4096
20
100
2048
40
011
1024
80
010
512
160
001
256
320
000
128
640



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com