Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS511 Datasheet(PDF) 5 Page - Fortune Semiconductor Corp.

Part # FS511
Description  18-bit ADC with 1 low noise OPAMP
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS511 Datasheet(HTML) 5 Page - Fortune Semiconductor Corp.

  FS511 Datasheet HTML 1Page - Fortune Semiconductor Corp. FS511 Datasheet HTML 2Page - Fortune Semiconductor Corp. FS511 Datasheet HTML 3Page - Fortune Semiconductor Corp. FS511 Datasheet HTML 4Page - Fortune Semiconductor Corp. FS511 Datasheet HTML 5Page - Fortune Semiconductor Corp. FS511 Datasheet HTML 6Page - Fortune Semiconductor Corp. FS511 Datasheet HTML 7Page - Fortune Semiconductor Corp. FS511 Datasheet HTML 8Page - Fortune Semiconductor Corp. FS511 Datasheet HTML 9Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
6.
Pin Description
Name
Attribute
Pin No
Description
FTB
AIO
1
ADC Pre-Filter Capacitor Connection and input high
FTC
AIO
2
ADC Pre-Filter Capacitor Connection and input low
OPO
AIO
3
OPAMP Output
OPN
AIO
4
OPAMP Negative Input
OPP
AIO
5
OPAMP Positive Input
VRL
AIO
6
Input Reference Voltage low of the ADC
SGND
AI
7
Signal Ground
VRH
AI
8
Input Reference Voltage high of the ADC
AGND
APIO
9
Analog Ground
VS
APO
10
Voltage source
VSSA
API
11
Analog Negative Power Supply
VDD
PI
12
Positive Power Supply
VSS
API
13
Digital Negative Power Supply
VCC
DPO
14
Power Supply for Digital Signal
XTALO
DO
15
4MHz Oscillator Output
XTALI
DI
16
4MHz Oscillator Input
SDO/IRQO
DO
17
SPI Data Output or interrupt request output
SDI
DI
18
SPI Data Input
SCLK
DI
19
SPI Clock Input
/CS
DIO
20
Chip select of Digital Interface
Notations: D stands for Digital. A stands for Analog. P stands for Power. O stands for Output. I stands for Input.
For example: DIO means “Digital Input/Output”.
7.
Functional Block Diagram
CS
OPP
SGND
OPAMP
& Network
ΔΣ Modulator
Clock Generator
Digital
Filter
Power system
Digital Interface
and Control Registors
XTALI
XTALO
VRL
VDD
VS
VSS
AGND
DI
SK
OPO
OPN
FTB FTC
VCC
VRH
DO/IRQO
VSSA
___



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com