Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS511 Datasheet(PDF) 8 Page - Fortune Semiconductor Corp.

Part # FS511
Description  18-bit ADC with 1 low noise OPAMP
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS511 Datasheet(HTML) 8 Page - Fortune Semiconductor Corp.

Back Button FS511 Datasheet HTML 4Page - Fortune Semiconductor Corp. FS511 Datasheet HTML 5Page - Fortune Semiconductor Corp. FS511 Datasheet HTML 6Page - Fortune Semiconductor Corp. FS511 Datasheet HTML 7Page - Fortune Semiconductor Corp. FS511 Datasheet HTML 8Page - Fortune Semiconductor Corp. FS511 Datasheet HTML 9Page - Fortune Semiconductor Corp. FS511 Datasheet HTML 10Page - Fortune Semiconductor Corp. FS511 Datasheet HTML 11Page - Fortune Semiconductor Corp. FS511 Datasheet HTML 12Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
11. Function Description
Microprocessor Interface
FS511 can be directly connected to any microprocessor by pins of CS_, SK, DI, DO/IRQO. It can access
the read/write of the control registers, handle interrupts, and access the measure registers.
D<6>
D<5>
D<4>
D<3>
D<2>
D<1>
D<7>
D<0>
0
A<1>
A<0>
CS_
DI
DO
SK
IRQO
Writing Mode
……
A<2>
A<1>
A<0>
CS_
DI
DO
SK
IRQO
Reading Mode
……………
……
D<7>
D<6>
D<0>
D<1>
D<2>
D<3>
D<4>
D<5>
IRQO
1
0
0
CS_
DI
DO
SK
IRQO
Reading ADC
……………
……
D<23>
D<22>
D<0>
D<1>
IRQO
D<21>
D<2>
……………
……………
If ADC Data converse complete, IRQO will be high to Low.
Power System
11..1
Analog power (VDD, VSSA) and Digital power (VCC, VSS)
ADC, OPAMP and analog circuit used Analog power (VDD, VSSA). VDD typically is 5V.
Digital Interface and Digital circuit used Digital power (VCC, VSS).
11..2
Switch-able Power Output
ENVS
VDD
VS
Terminals of VS is the switch-able power output of VDD. The PMOS switch is controlled by ENVS control signal.
When ENVS = 1, the switch is short.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com