Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS511 Datasheet(PDF) 9 Page - Fortune Semiconductor Corp.

Part # FS511
Description  18-bit ADC with 1 low noise OPAMP
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS511 Datasheet(HTML) 9 Page - Fortune Semiconductor Corp.

Back Button FS511 Datasheet HTML 5Page - Fortune Semiconductor Corp. FS511 Datasheet HTML 6Page - Fortune Semiconductor Corp. FS511 Datasheet HTML 7Page - Fortune Semiconductor Corp. FS511 Datasheet HTML 8Page - Fortune Semiconductor Corp. FS511 Datasheet HTML 9Page - Fortune Semiconductor Corp. FS511 Datasheet HTML 10Page - Fortune Semiconductor Corp. FS511 Datasheet HTML 11Page - Fortune Semiconductor Corp. FS511 Datasheet HTML 12Page - Fortune Semiconductor Corp. FS511 Datasheet HTML 13Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
11..3
AGND Generator
600K
ENGNDB
10uF
AGND
600K
VDD
VSSA
VSSA
AGND is analog common voltage. When ENGNDB=0, analog common voltage generator will active.
11..4
Bandgap Voltage Reference and Temperature sensor
.
AGND
70K
Voltage Reference
and
Temperature Sensor
TEMPL
TEMPH
ENREF
REFO
50K
REFI
REFO is low temperature coefficient bandgap voltage reference output. When ENBAND=1, the circuit will
active. The output voltage to AGND is about 1.2V. Typical temperature coefficient is 100ppm/℃.
{TEMPH, TEMPL} is proportion to ambient temperature. You can select them to ADC input and transfer to
digital code. (Typical 500uV±50uV/℃)
11..5
Bias Current Source Generator
REFO
(1.2V)
AGND
VSS
3uA
400K
ENGNDB
The bias current for all the analog circuits of FS511. If the embedded op amp works, REFO will be pulled to
AGND by the feedback; there are 1.2V in resistor 400K, and 3uA bias current can be obtained.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com