Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS511 Datasheet(PDF) 11 Page - Fortune Semiconductor Corp.

Part # FS511
Description  18-bit ADC with 1 low noise OPAMP
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS511 Datasheet(HTML) 11 Page - Fortune Semiconductor Corp.

Back Button FS511 Datasheet HTML 7Page - Fortune Semiconductor Corp. FS511 Datasheet HTML 8Page - Fortune Semiconductor Corp. FS511 Datasheet HTML 9Page - Fortune Semiconductor Corp. FS511 Datasheet HTML 10Page - Fortune Semiconductor Corp. FS511 Datasheet HTML 11Page - Fortune Semiconductor Corp. FS511 Datasheet HTML 12Page - Fortune Semiconductor Corp. FS511 Datasheet HTML 13Page - Fortune Semiconductor Corp. FS511 Datasheet HTML 14Page - Fortune Semiconductor Corp. FS511 Datasheet HTML 15Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
11..1
Analog Multiplex:
1. Low Pass Filter Input:
SINH[1:0]
00
01
10
11
Select
OPO
OPH
SGND
TEMPH
2. ADC Negative Input:
SINL[1:0]
00
01
10
11
Select
VRL
VRH
SGND
TEMPL
3. Low Pass Filter Output, ADC Positive Input:
SFTA[0]
0
1
Select
FTB
FTIN
4. External Filter Control: SFTA[1]=1, FTIN and FTB short; SFTA[1]=0, FTIN and FTB open.
5. Internal Reference Voltage Control: SVR0=1, (VRH,VRL) = 1V (at VDD=5V). SVR1=1,
SGND=1/2(VRH,VRL).
6. ADC Reference Voltage Negative Input:
SVRL
0
1
Select
VRL
AGND
7. ADC Reference Voltage Positive Input:
SVRH
0
1
Select
VRH
REFI
8. OPAMP Reference voltage Input:
SOPL[1:0]
00
01
10
11
Select
VRL
VRH
SGND
AGND
11..2
OPAMP
1.
OPEN is the OPAMP enable control signal.
2.
OPC [1:0] can set OPAMP input operation mode as follows, 00: +Offset, 01: -Offset, 10: 2KHz chopper
frequency, 11: 1KHz Chopper frequency.
11..3
The Operation of the Delta-Sigma () Modulator ADC
This high resolution ADC is designed by the technology of delta-sigma () modulator. The continuous
analog signals are sampled by a very high sampling rate that is much higher than the bandwidth of the input
signal. The delta-sigma modulator converts the input signal to a series of 1-bit codes. These 1-bit codes are
then fed to the digital filter to filter out the high frequency quantization noise to find high resolution digital
outputs. This kind of ADC quantizes one bit in the analog part, therefore, it has very good linearity. Because it is
in a fully differential configuration, the common mode rejection ratio (CMRR) is very high and can reduce the
common mode signals effectively.
ANALO
G
INTEGRATO
R
DIGITAL LOW PASS
DECIMATION
FILTER
COMPARATOR
ANALO
G
INPU
T
V
in
D
out
1, -1, -1, 1, 1, 1,....
V
re f, -Vre f, -Vre f, Vre f, Vre f, Vre f,...
DA
C
The Symbolic Diagram of the Delta-Sigma Analog-to-Digital Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com