Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS511 Datasheet(PDF) 15 Page - Fortune Semiconductor Corp.

Part # FS511
Description  18-bit ADC with 1 low noise OPAMP
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS511 Datasheet(HTML) 15 Page - Fortune Semiconductor Corp.

Back Button FS511 Datasheet HTML 10Page - Fortune Semiconductor Corp. FS511 Datasheet HTML 11Page - Fortune Semiconductor Corp. FS511 Datasheet HTML 12Page - Fortune Semiconductor Corp. FS511 Datasheet HTML 13Page - Fortune Semiconductor Corp. FS511 Datasheet HTML 14Page - Fortune Semiconductor Corp. FS511 Datasheet HTML 15Page - Fortune Semiconductor Corp. FS511 Datasheet HTML 16Page - Fortune Semiconductor Corp. FS511 Datasheet HTML 17Page - Fortune Semiconductor Corp. FS511 Datasheet HTML 18Page - Fortune Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
11..3.5.
Other Control Setting
CPVR is the enhancement mode for resistance measuring. It is set to 1 to improve the linearity when
measuring resistance.
12. Application sample
Example Network setting:
Mode
NETA
NETB
NETC
NETD
ADC
88h
00h
93h
57h
OPAMP+ADC
88h
E0h
93h
57h
Demo Assembly code for Digital Interface:
;===========================
; FS511_RW.ASM
version 0.0
; FS511 Read/Write use FS9822
; Edit by Jong
2003/6/27
;===========================
Addr_bf EQU EAH
RW_bf
EQU AL
Rd_cnt1 EQU counter0
Rd_cnt2 EQU counter1
CS_
EQU 3
; Port3 bit 3
SK_
EQU 2
; Port3 bit 2
DI_
EQU 1
; Port3 bit 1
DO_
EQU 0
; Port3 bit 0
FS511_PT
EQU PT3
FS511_PTEN EQU PT3EN
FS511_PTPU EQU PT3PU
Status
EQU 4
Work
EQU 5
C
EQU 1
;-------------------------------------------
; user define macro
;-------------------------------------------
dly macro
nop
endm
cs_0 macro
bcf FS511_PT,3
dly
endm
cs_1 macro
bsf FS511_PT,3
dly
endm
sk_0 macro
bcf FS511_PT,2
dly
endm
sk_1 macro
; 3.2us
bsf FS511_PT,2
dly
endm
di_0 macro
bcf FS511_PT,1
dly
endm
di_1 macro
bsf FS511_PT,1
dly
endm
sk_pls
macro
sk_1
sk_0
endm
Wr511 macro d1,d2
movlfd1,Addr_bf
movlfd2,RW_bf
call _511W
endm
Rd511 macro d1
movlfd1,Addr_bf
call _511R
endm
;-------------------------------------------
; Initial of port
;-------------------------------------------
511_ini:
bsf FS511_PTEN,CS_
bsf FS511_PTEN,SK_
bsf FS511_PTEN,DI_
bcf FS511_PTEN,DO_
bsf FS511_PTPU,DO_
bsf FS511_PT,CS_
return



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com