Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS511 Datasheet(PDF) 14 Page - Fortune Semiconductor Corp.

Part # FS511
Description  18-bit ADC with 1 low noise OPAMP
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS511 Datasheet(HTML) 14 Page - Fortune Semiconductor Corp.

Back Button FS511 Datasheet HTML 10Page - Fortune Semiconductor Corp. FS511 Datasheet HTML 11Page - Fortune Semiconductor Corp. FS511 Datasheet HTML 12Page - Fortune Semiconductor Corp. FS511 Datasheet HTML 13Page - Fortune Semiconductor Corp. FS511 Datasheet HTML 14Page - Fortune Semiconductor Corp. FS511 Datasheet HTML 15Page - Fortune Semiconductor Corp. FS511 Datasheet HTML 16Page - Fortune Semiconductor Corp. FS511 Datasheet HTML 17Page - Fortune Semiconductor Corp. FS511 Datasheet HTML 18Page - Fortune Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
11..3.3.
Reading and Calculating of Digital-to-Analog Converter
Due to the manufacture process drift, there is an offset voltage in the FS511 ADC such that an offset
value is existed in the ADC output. In order to eliminate the offset value, FS511 provides three operation modes,
which can be set by CYS <1:0> of control register NETD. The ADO output and calculation are different in
different operation modes, and they are described in the following subsection.
ADC Output ADO
Set CYS<1:0>=00, the ADC inputs are short circuited, and we can find the negative offset voltage of the ADC
from ADO[23:0].
Set CYS<1:0>=11, we can find the equivalent voltage of the input signal from ADO[23:0].
Set CYS<1:0>=01, and the ADO[23:0] output is the value of an ideal ADC. This mode is suitable for high
resolution measurement.
When CYS<1:0>01, the output rate of ADO[23:0] is the first zero frequency,
1
Z
f
, of COMB as described in
Equation 3. When CYS<1:0> =01, the output rate equals
2
1
Z
f
.
11..3.4.
The Conversion of the Digital Codes and Equivalent Voltage
The output of the FS511 ADC is ADO[23:0], which is a 24-bit 2’s complement number. ADO[23] is the sign bit;
0 represents a positive number, and 1 represents a negative number. The decimal point lies in between
ADO[22] and ADO[21].
If ADO[23:0]=0010_1000_0000_0000_0000_0000, the equivalent floating point number is:
Equation 4
625
.
0
125
.
0
5
.
0
2
0
......
2
0
2
0
2
1
2
0
2
1
0000
_
0000
_
0000
_
0000
_
1000
_
10
.
00
22
5
4
3
2
1
ADO
If ADO[23:0]=1101_1111_1111_1111_1111_1111, the equivalent floating point number is:
Equation 5
5000002384
.
0
2
1
......
2
0
2
0
2
0
2
1
(
)
0001
_
0000
_
0000
_
0000
_
0000
_
10
.
00
(
1111
_
1111
_
1111
_
1111
_
1111
_
01
.
11
22
4
3
2
1
ADO
From Equation 1, if gain
'
G
equals 1 and reference voltage
ref
V
=1.00000V, the value of ADO,
0010_1000_0000_0000_0000_0000, can be used to calculate the measured voltage as:
V
62500
.
0
625
.
0
1
V
00000
.
1
'
x
ref
x
D
G
V
v
If ADO=1101_1111_1111_1111_1111_1111, the measured voltage can be calculated:
V
50000
.
0
5000002384
.
0
1
V
00000
.
1
'
x
ref
x
D
G
V
v
However, due to the manufacture process drift
'
G is not exactly equal to 1, and there will be around
%
1
offset. Similarly the reference voltage source and resistors may affect the reference voltage ref
V
, and make
ref
V
not to be exact 1.00000V. Therefore, we have to calibrate the ADC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com