Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS511 Datasheet(PDF) 6 Page - Fortune Semiconductor Corp.

Part # FS511
Description  18-bit ADC with 1 low noise OPAMP
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS511 Datasheet(HTML) 6 Page - Fortune Semiconductor Corp.

Back Button FS511 Datasheet HTML 2Page - Fortune Semiconductor Corp. FS511 Datasheet HTML 3Page - Fortune Semiconductor Corp. FS511 Datasheet HTML 4Page - Fortune Semiconductor Corp. FS511 Datasheet HTML 5Page - Fortune Semiconductor Corp. FS511 Datasheet HTML 6Page - Fortune Semiconductor Corp. FS511 Datasheet HTML 7Page - Fortune Semiconductor Corp. FS511 Datasheet HTML 8Page - Fortune Semiconductor Corp. FS511 Datasheet HTML 9Page - Fortune Semiconductor Corp. FS511 Datasheet HTML 10Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
8.
Typical Application Circuit
FS511
6
5
7
9
8
10
OPP
OPN
VRH
VRL
SGND
VS
VSSA
4
3
2
FTC
FTB
OPO
1
15
16
14
12
13
11
XTALI
DO/IRQO
XTALO
VDD
VCC
AGND
VSS
17
18
19
SK
CS
DI
20
Micro-
Processor
VS
Bridge
sensor
27nF
10k
10k
40k
10uF
1M
4MHz
250k
2.5k
250k
2.5k
0.1uF
Regulator
5V
10uF
40k
10uF
Battery
1uF
9.
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage to Ground Potential
-0.3 to 10
V
Applied Input/Output Voltage
-0.3 to VDD+0.3
V
Ambient Operating Temperature Range
-40 to +85
Storage Temperature Range
-55 to +150
Soldering Temperature (10 Sec)
260
ESD Tolerance
Human body Model (HBM): ≧2KV
Machine Model (MM): ≧200V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com