Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS511 Datasheet(PDF) 10 Page - Fortune Semiconductor Corp.

Part # FS511
Description  18-bit ADC with 1 low noise OPAMP
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS511 Datasheet(HTML) 10 Page - Fortune Semiconductor Corp.

Back Button FS511 Datasheet HTML 6Page - Fortune Semiconductor Corp. FS511 Datasheet HTML 7Page - Fortune Semiconductor Corp. FS511 Datasheet HTML 8Page - Fortune Semiconductor Corp. FS511 Datasheet HTML 9Page - Fortune Semiconductor Corp. FS511 Datasheet HTML 10Page - Fortune Semiconductor Corp. FS511 Datasheet HTML 11Page - Fortune Semiconductor Corp. FS511 Datasheet HTML 12Page - Fortune Semiconductor Corp. FS511 Datasheet HTML 13Page - Fortune Semiconductor Corp. FS511 Datasheet HTML 14Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Clock Generator
4MHz Crystal
Oscillator Circuit
1M
4MHz
FS
CLK Divider
ENXTB
We connect a 4MHz crystal oscillator to the clock generator to generate a 4MHz clock frequency. A
frequency divider is used to divide the clock signal to generate a signal FS, and the ADC uses this FS signal to
do data conversion.
ENXTB
ENAD
FS
L
H
83.33 kHz
H
L
0, (L)
Function Network
OP
OPO
+
_
OPEN
OPC[1:0]
SINH[1:0]
OPO
OPH
SGND
TEMPH
FTIN
SINL[1:0]
VRL
VRH
SGND
TEMPL
IN-
SFTA[0]
FTB
FTIN
IN+
SVRL
VRL
VR-
SVRH
VR+
ADC
ADO[23:0]
ENAD
ADG[5:0]
VR+
VR-
IN+
IN-
FTC
FTB
250K
27nF
SFTA[1]
NETA[7:0]
NETB[7:0]
SINL[1:0]
SINH[1:0]
SOPL[1:0]
7
6
5
4
3
2
1
0
SVRH
SVRL
ADG[5:0]
OPEN
TPS[2:0]
CYS[1:0]
TPS[2:0]
VRH
REFI
AGND
NETC[7:0]
NETD[7:0]
ENAD
ENXTB
ENVS
CPVR
ENREF
OPN
OPP
VRL
VRH
45K
5K
5K
45K
VDD
SGND
VS
ENVS
AGND
SFTA[1:0]
SVR1
ENGNDB
SVR0
OPC[1:0]
0
1
2
3
Adress
Name
4
ADCO[23:0]
Voltage Reference
and
Temperature Sensor
TEMPL
TEMPH
*(REFI, AGND)= 0.5V
ENREF
SVR0
SVR0
SVR0
SVR1
R/W
R
R/W
R/W
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com