Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS511 Datasheet(PDF) 7 Page - Fortune Semiconductor Corp.

Part # FS511
Description  18-bit ADC with 1 low noise OPAMP
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS511 Datasheet(HTML) 7 Page - Fortune Semiconductor Corp.

Back Button FS511 Datasheet HTML 3Page - Fortune Semiconductor Corp. FS511 Datasheet HTML 4Page - Fortune Semiconductor Corp. FS511 Datasheet HTML 5Page - Fortune Semiconductor Corp. FS511 Datasheet HTML 6Page - Fortune Semiconductor Corp. FS511 Datasheet HTML 7Page - Fortune Semiconductor Corp. FS511 Datasheet HTML 8Page - Fortune Semiconductor Corp. FS511 Datasheet HTML 9Page - Fortune Semiconductor Corp. FS511 Datasheet HTML 10Page - Fortune Semiconductor Corp. FS511 Datasheet HTML 11Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
10. Electrical Characteristics
DC Characteristics (VDD=5V, TA=25℃, unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Analog-to-Digital Converter
Zero Input Reading
VIN=0V, Vref=500mV , CYS=01
-15
15
μ
V
Linearity (Max. deviation from best
straight line fit)
VIN= ± 0.9 Vref, Vref=500mV ,
CYS=01
-25
25
μ
V
Input Common-Mode Rejection Ratio VCM=AGND
±
1V,
VIN=0.25V,
Vref=500mV
150
μ
V/V
Noise (p-p Value not Exceeding 95%
of Time)
VIN=0V, 500mV Scale
5
10
μ
V
Rollover Error (Difference in reading
for equal positive and negative inputs
near Full Scale)
-VIN=+VIN=500.00mV
0
10
50
μ
V
Scale Factor Temperature Coefficient VIN=500.00mV, -10℃<TA<+50℃
10
ppm/℃
Current Consumption
0.7
1.2
mA
Instrumentation Amplifier
Input Offset Voltage without chopper Rs<100Ω
1
mV
Input Offset Voltage with chopper
Rs<100Ω
30
μ
V
Input Referred Noise without chopper Rs=100Ω, 0.1Hz~1Hz
1
μ
Vpp
Input Referred Noise with chopper
Rs=100Ω, 0.1Hz~1Hz
0.3
μ
Vpp
Input Bias Current
[2]
100
300
pA
Input Common-Mode Voltage Range
2
3
V
Current Consumption
200
300
μ
A
General Electrical Characteristics
VDD Operating Current
Enable ADC, OPAMP
1
2
mA
Sleep Current
Disable OSC, AGND
1
5
μ
A
VS switch resister
20
Ω
Digital Output High
IOUT=-1mA
4.7
V
Digital Output Low
IOUT=1mA
0.3
V
Digital Input High
3.5
V
Digital Input Low
1.5
V
[1] These parameters are guaranteed by design and are tested only by sampling while mass production.
[2] While a voltage source with large output impedance is measured by an instrumentation amplifier having
input bias current, an additional input offset voltage will be introduced. However, this offset voltage could
be cancelled by mirrored offset cancellation technique.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com