Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N32905KDN Datasheet(PDF) 32 Page - Nuvoton Technology Corporation

Part # N32905KDN
Description  Display Control Application Processor
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

N32905KDN Datasheet(HTML) 32 Page - Nuvoton Technology Corporation

Back Button N32905KDN Datasheet HTML 28Page - Nuvoton Technology Corporation N32905KDN Datasheet HTML 29Page - Nuvoton Technology Corporation N32905KDN Datasheet HTML 30Page - Nuvoton Technology Corporation N32905KDN Datasheet HTML 31Page - Nuvoton Technology Corporation N32905KDN Datasheet HTML 32Page - Nuvoton Technology Corporation N32905KDN Datasheet HTML 33Page - Nuvoton Technology Corporation N32905KDN Datasheet HTML 34Page - Nuvoton Technology Corporation N32905KDN Datasheet HTML 35Page - Nuvoton Technology Corporation N32905KDN Datasheet HTML 36Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 70 page
background image
N3290X DATASHEET
Nuvoton Technology Corp.
32
Release Date: Oct., 2018
http://www.nuvoton.com/
Rev. A6.2
Pin No Name
Type Group
Description
I2S_BCLK
IU
I²S
I2S Interface Clock, Input
SD1_CMD
IOU SD1
SD Port 1 Command/Response
61
SHSYNC
IU
CAP
Sensor Interface HSYNC, Input
GPB[2]
IOU GPIOB
GPIO Port B Bit 2
I2S_MCLK
OU I²S
Clock to I2S Codec, Output
SD1_CLK
OU SD1
SD Port 1 Clock, Output
62
SPCLK
IOU CAP
Sensor Interface Pixel Clock, Input
GPB[1]
IOU GPIOB
GPIO Port B Bit 1
SD1_DAT[0]
IOU SD1
SD Port 1 Data Bit 0
UHL_DM1
IOU USB
USB Host 1.0 Lite Port 1, D-E154
63
SCLKO
OU CAP
Clock to Sensor Module, Output
GPB[0]
IOU JTAG
GPIO Port B Bit 0
SD1_DAT[1]
IOU SD1
SD Port 1 Data Bit 1
UHL_DP1
IOU USB
USB Host 1.0 Lite Port 1, D+
64
SPI0_CLK
IOU SPI0
SPI Port 0 Clock;Output in Master Mode;Input in Slave Mode
GPD[12]
IOU GPIOD
GPIO Port D Bit 12
EPAD
VSS
G
GND
Ground (0V), EPAD is for TQFP package and used for
N32903R5DN & N32905R3DN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com