Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N32905KDN Datasheet(PDF) 4 Page - Nuvoton Technology Corporation

Part # N32905KDN
Description  Display Control Application Processor
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

N32905KDN Datasheet(HTML) 4 Page - Nuvoton Technology Corporation

  N32905KDN Datasheet HTML 1Page - Nuvoton Technology Corporation N32905KDN Datasheet HTML 2Page - Nuvoton Technology Corporation N32905KDN Datasheet HTML 3Page - Nuvoton Technology Corporation N32905KDN Datasheet HTML 4Page - Nuvoton Technology Corporation N32905KDN Datasheet HTML 5Page - Nuvoton Technology Corporation N32905KDN Datasheet HTML 6Page - Nuvoton Technology Corporation N32905KDN Datasheet HTML 7Page - Nuvoton Technology Corporation N32905KDN Datasheet HTML 8Page - Nuvoton Technology Corporation N32905KDN Datasheet HTML 9Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 70 page
background image
N3290X DATASHEET
Nuvoton Technology Corp.
4
Release Date: Oct., 2018
http://www.nuvoton.com/
Rev. A6.2
5.6
Power-on Sequence............................................................................................................................... 61
5.7
Thermal characteristics of LQFP-128 Package ..................................................................................... 61
6.
N3290X SERIES PART SELECTION GUIDE.................................................................................................... 62
6.1
Part Number Definition........................................................................................................................... 63
7.
PACKAGE OUTLINE ......................................................................................................................................... 64
7.1
LQFP-128 (14X14X1.4mm body, 0.4mm pitch)..................................................................................... 64
7.2
LQFP-64 (10X10X1.4mm body, 0.5mm pitch)....................................................................................... 65
7.3
TQFP-64 (10X10X1.0mm body, 0.5mm pitch) ...................................................................................... 66
8.
REVISION HISTORY ......................................................................................................................................... 69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com