Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N32905KDN Datasheet(PDF) 41 Page - Nuvoton Technology Corporation

Part # N32905KDN
Description  Display Control Application Processor
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

N32905KDN Datasheet(HTML) 41 Page - Nuvoton Technology Corporation

Back Button N32905KDN Datasheet HTML 37Page - Nuvoton Technology Corporation N32905KDN Datasheet HTML 38Page - Nuvoton Technology Corporation N32905KDN Datasheet HTML 39Page - Nuvoton Technology Corporation N32905KDN Datasheet HTML 40Page - Nuvoton Technology Corporation N32905KDN Datasheet HTML 41Page - Nuvoton Technology Corporation N32905KDN Datasheet HTML 42Page - Nuvoton Technology Corporation N32905KDN Datasheet HTML 43Page - Nuvoton Technology Corporation N32905KDN Datasheet HTML 44Page - Nuvoton Technology Corporation N32905KDN Datasheet HTML 45Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 70 page
background image
N3290X DATASHEET
Nuvoton Technology Corp.
41
Release Date: Oct., 2018
http://www.nuvoton.com/
Rev. A6.2
Pin
No
Name
Type
Group
Description
GPD[5]
IOU
GPIOD
GPIO Port D Bit 5
SD2_DAT[3]
IOU
SD2
SD Port 2 Data Bit 3
109
NWR_
OU
NAND
NAND Interface Write Enable, Output, Low Active
GPD[8]
IOU
GPIOD
GPIO Port D Bit 8
SD2_CMD
IOU
SD2
SD Port 2 Command/Response
110
NRE_
OU
NAND
NAND Interface Read Enable, Output, Low Active
GPD[7]
IOU
GPIOD
GPIO Port D Bit 7
SD2_CLK
OU
SD2
SD Port 2 Clock, Output
111
NCLE
OU
NAND
NAND Interface Command-Latch-Enable, Output,
High Active
GPE[11]
IOU
GPIOE
GPIO Port E Bit 11
112
NALE
OU
NAND
NAND Interface Address-Latch-Enable, Output,
High Active
GPE[10]
IOU
GPIOE
GPIO Port E Bit 10
113
NCS1_
OU
NAND
NAND Interface Chip Select 1, Output, Low Active
GPE[9]
IOU
GPIOE
GPIO Port E Bit 9
SD2_DAT[0]
IOU
SD2
SD Port 2 Data Bit 0
114
VSS
G
GND
Ground (0V)
115
NCS0_
IU
NAND
NAND Interface Chip Select 0, Output, Low Active
GPE[8]
IOU
GPIOE
GPIO Port E Bit 8
SD2_DAT[1]
IOU
SD2
SD Port 2 Data Bit 1
116
VDD33
P
I/O
I/O Power (3.3V)
117
URTXD
OU
UART
UART TX Data, Output
GPA[10]
IOU
GPIOA
GPIO Port A Bit 10
SPI1_CS1_
OU
SPI1
SPI Port 1 Device Select 1, Output, Low Active
118
URRXD
IU
UART
UART RX Data, Input
GPA[11]
IOU
GPIOA
GPIO Port A Bit 11
LMVSYNC
OU
LCD
MPU LCD Interface VSYNC, Output
LFMARK
IU
LCD
MPU LCD Interface Frame Mark, Input
119
SPDATA[7]
IU
CAP
Sensor Interface Data Bit 7, Input
GPB[12]
IOU
GPIOB
GPIO Port B Bit 12
SPI1_DO
OU
SPI1
SPI Port 1 Data Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com