Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N32905KDN Datasheet(PDF) 23 Page - Nuvoton Technology Corporation

Part # N32905KDN
Description  Display Control Application Processor
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

N32905KDN Datasheet(HTML) 23 Page - Nuvoton Technology Corporation

Back Button N32905KDN Datasheet HTML 19Page - Nuvoton Technology Corporation N32905KDN Datasheet HTML 20Page - Nuvoton Technology Corporation N32905KDN Datasheet HTML 21Page - Nuvoton Technology Corporation N32905KDN Datasheet HTML 22Page - Nuvoton Technology Corporation N32905KDN Datasheet HTML 23Page - Nuvoton Technology Corporation N32905KDN Datasheet HTML 24Page - Nuvoton Technology Corporation N32905KDN Datasheet HTML 25Page - Nuvoton Technology Corporation N32905KDN Datasheet HTML 26Page - Nuvoton Technology Corporation N32905KDN Datasheet HTML 27Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 70 page
background image
N3290X DATASHEET
Nuvoton Technology Corp.
23
Release Date: Oct., 2018
http://www.nuvoton.com/
Rev. A6.2
Pin No Name
Type
Group
Description
GPC[8]
IOU
GPIOC
GPIO Port C Bit 8
SPDATA[0]
IU
CAP
Sensor Interface Data Bit 0, Input
KPI_SI[0]
IU
KPI
KPI Scan In Bit 0
42
LVDATA[7]
IOU
LCD
SYNC/MPU LCD Interface Data Bit 7
GPC[7]
IOU
GPIOC
GPIO Port C Bit 7
43
LVDATA[6]
IOU
LCD
SYNC/MPU LCD Interface Data Bit 6
GPC[6]
IOU
GPIOC
GPIO Port C Bit 6
CFG[10]
IU
SYSTEM
Chip Power-On Configuration Bit [10], Input
44
LVDATA[5]
IOU
LCD
SYNC/MPU LCD Interface Data Bit 5
GPC[5]
IOU
GPIOC
GPIO Port C Bit 5
CFG[9]
IU
SYSTEM
Chip Power-On Configuration Bit [9], Input
45
LVDATA[4]
IOU
LCD
GPIO Port C Bit 4
GPC[4]
IOU
GPIOC
GPIO Port C Bit 4
CFG[8]
IU
SYSTEM
Chip Power-On Configuration Bit [8], Input
46
LVDATA[3]
IOU
LCD
SYNC/MPU LCD Interface Data Bit 3
GPC[3]
IOU
GPIOC
GPIO Port C Bit 3
47
LVDATA[2]
IOU
LCD
SYNC/MPU LCD Interface Data Bit 2
GPC[2]
IOU
GPIOC
GPIO Port C Bit 2
48
LVDATA[1]
IOU
LCD
SYNC/MPU LCD Interface Data Bit 1
GPC[1]
IOU
GPIOC
GPIO Port C Bit 1
49
LVDATA[0]
IOU
LCD
SYNC/MPU LCD Interface Data Bit 0
GPC[0]
IOU
GPIOC
GPIO Port C Bit 0
50
LVDE
OU
LCD
SYNC LCD Interface Data Enable, Output, High Active
LRS
OU
LCD
MPU LCD Interafec Register Select
GPD[11]
IOU
GPIOD
GPIO Port D Bit 11
51
LVSYNC
OU
LCD
SYNC LCD Interface VSYNC, Output, High Active
LRD
OU
LCD
MPU I80 mode LCD Interface Read, active low
LEN
OU
LCD
MPU M68 mode LCD Interface Read Write Enable/Disable ,
High Enable
GPD[10]
IOU
GPIOD
LCD Interface Data Enable, High Active.
52
LHSYNC
OU
LCD
SYNC LCD Interface HSYNC, Output, High Active
LWR
OU
LCD
MPU I80 mode LCD Interfacer Write, active low
LR/W
OU
LCD
MPU M68 mode LCD interface R/W, High is read command
and Low is write instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com