Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N32905KDN Datasheet(PDF) 24 Page - Nuvoton Technology Corporation

Part # N32905KDN
Description  Display Control Application Processor
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

N32905KDN Datasheet(HTML) 24 Page - Nuvoton Technology Corporation

Back Button N32905KDN Datasheet HTML 20Page - Nuvoton Technology Corporation N32905KDN Datasheet HTML 21Page - Nuvoton Technology Corporation N32905KDN Datasheet HTML 22Page - Nuvoton Technology Corporation N32905KDN Datasheet HTML 23Page - Nuvoton Technology Corporation N32905KDN Datasheet HTML 24Page - Nuvoton Technology Corporation N32905KDN Datasheet HTML 25Page - Nuvoton Technology Corporation N32905KDN Datasheet HTML 26Page - Nuvoton Technology Corporation N32905KDN Datasheet HTML 27Page - Nuvoton Technology Corporation N32905KDN Datasheet HTML 28Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 70 page
background image
N3290X DATASHEET
Nuvoton Technology Corp.
24
Release Date: Oct., 2018
http://www.nuvoton.com/
Rev. A6.2
Pin No Name
Type
Group
Description
GPD[9]
IOU
GPIOD
GPIO Port D Bit 9
53
VDD18
P
Core
Core Logic Power (1.8V)
54
LPCLK
OU
LCD
SYNC LCD Interface Pixel Clock, Output
LCS
OU
LCD
MPU LCD Interface Chip Enable, active low
GPB[15]
IOU
GPIOB
GPIO Port B Bit 15
55
VDD33
P
I/O
I/O Power (3.3V)
56
ADC_VSS33
G
ADC
ADC Ground (0V)
57
ADC_TP_YM
I
ADC
Touch Panel YM
58
ADC_TP_XM
I
ADC
Touch Panel XM
59
ADC_TP_XP
I
ADC
Touch Panel XP
60
ADC_TP_YP
I
ADC
Touch Panel YP
61
ADC_VDD33
P
ADC
ADC Power (3.3V)
62
ADC_AIN[0]
I
ADC
ADC MIC+
63
ADC_AIN[1]
I
ADC
ADC MIC-
64
ADC_AIN[2]
I
ADC
ADC Analog Input Channel 2
65
VSS
G
GND
Ground (0V)
66
ADC_AIN[3]
I
ADC
ADC Analog Input Channel 3
67
RTC_XOUT
O
RTC
32768Hz Crystal Output
68
RTC_XIN
I
RTC
32768Hz Crystal Input
69
RTC_RWAKE_
I
RTC
Wakeup Enable or Power switch Input with Low Active (an external
pull high resistor is need)
70
RTC_RPWR
O
RTC
Power Enable for external power IC enable pin, Open-Drain output
(an external pull high resistor is need)
71
RTC_VDD1.8V
P
RTC
RTC Power (1.8V)
72
VDD33
P
I/O
I/O Power (3.3V)
73
GPA[6]
IOU
GPIOA
GPIO Port A Bit 6
SPI1_CS1_
OU
SPI1
SPI Port 1 Device Select 1, Output, Low Active
KPI_SO[4]
OU
KPI
KPI Scan Out Bit 4
74
GPA[5]
IOU
GPIOA
GPIO Port A Bit 5
SPI0_CS1_
OU
SPI0
SPI Port 0 Device Select 1, Output, Low Active
KPI_SO[3]
OU
KPI
KPI Scan Out Bit 3
75
GPA[4]
IOU
GPIOA
GPIO Port A Bit 4
UHL_DM1
IOU
USB
USB Host 1.0 Lite Port 1, D-
KPI_SO[2]
OU
KPI
KPI Scan Out Bit 2
76
GPA[3]
IOU
GPIOA
GPIO Port A Bit 3
UHL_DP1
IOU
USB
USB Host 1.0 Lite Port 1, D+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com