Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N32905KDN Datasheet(PDF) 45 Page - Nuvoton Technology Corporation

Part # N32905KDN
Description  Display Control Application Processor
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

N32905KDN Datasheet(HTML) 45 Page - Nuvoton Technology Corporation

Back Button N32905KDN Datasheet HTML 41Page - Nuvoton Technology Corporation N32905KDN Datasheet HTML 42Page - Nuvoton Technology Corporation N32905KDN Datasheet HTML 43Page - Nuvoton Technology Corporation N32905KDN Datasheet HTML 44Page - Nuvoton Technology Corporation N32905KDN Datasheet HTML 45Page - Nuvoton Technology Corporation N32905KDN Datasheet HTML 46Page - Nuvoton Technology Corporation N32905KDN Datasheet HTML 47Page - Nuvoton Technology Corporation N32905KDN Datasheet HTML 48Page - Nuvoton Technology Corporation N32905KDN Datasheet HTML 49Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 70 page
background image
N3290X DATASHEET
Nuvoton Technology Corp.
45
Release Date: Oct., 2018
http://www.nuvoton.com/
Rev. A6.2
Pin No
Name
Type
Group
Description
GPC[8]
IOU GPIOC
GPIO Port C Bit 8
22
LVDATA[7]
IOU LCD
SYNC/MPU LCD Interface Data Bit 7
GPC[7]
IOU GPIOC
GPIO Port C Bit 7
23
LVDATA[6]
IOU LCD
SYNC/MPU LCD Interface Data Bit 6
GPC[6]
IOU GPIOC
GPIO Port C Bit 6
24
LVDATA[5]
IOU LCD
SYNC/MPU LCD Interface Data Bit 5
GPC[5]
IOU GPIOC
GPIO Port C Bit 5
25
LVDATA[4]
IOU LCD
GPIO Port C Bit 4
GPC[4]
IOU GPIOC
GPIO Port C Bit 4
26
LVDATA[3]
IOU LCD
SYNC/MPU LCD Interface Data Bit 3
GPC[3]
IOU GPIOC
GPIO Port C Bit 3
27
LVDATA[2]
IOU LCD
SYNC/MPU LCD Interface Data Bit 2
GPC[2]
IOU GPIOC
GPIO Port C Bit 2
28
LVDATA[1]
IOU LCD
SYNC/MPU LCD Interface Data Bit 1
GPC[1]
IOU GPIOC
GPIO Port C Bit 1
29
LVDATA[0]
IOU LCD
SYNC/MPU LCD Interface Data Bit 0
GPC[0]
IOU GPIOC
GPIO Port C Bit 0
30
LVDE
OU LCD
SYNC LCD Interface Data Enable, Output, High Active
LRS
OU LCD
MPU LCD Interafec Register Select
GPD[11]
IOU GPIOD
GPIO Port D Bit 11
31
LVSYNC
OU LCD
SYNC LCD Interface VSYNC, Output, High Active
LRD
OU LCD
MPU I80 mode LCD Interface Read, active low
GPD[10]
IOU GPIOD
LCD Interface Data Enable, High Active.
32
LHSYNC
OU LCD
SYNC LCD Interface HSYNC, Output, High Active
LWR
OU LCD
MPU I80 mode LCD Interface Write, active low
GPD[9]
IOU GPIOD
GPIO Port D Bit 9
33
LPCLK
OU LCD
SYNC LCD Interface Pixel Clock, Output
LCS
OU LCD
MPU LCD Interface Chip Enable, active low
GPB[15]
IOU GPIOB
GPIO Port B Bit 15
34
ADC_VDD33
P
ADC
ADC Power (3.3V)
35
RTC_VDD1.8V
P
RTC
RTC Power (1.8V)
36
VDD33
P
I/O
I/O Power (3.3V)
37
GPA[5]
IOU GPIOA
GPIO Port A Bit 5
SPI0_CS1_
OU SPI0
SPI Port 0 Device Select 1, Output, Low Active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com