Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N32905KDN Datasheet(PDF) 47 Page - Nuvoton Technology Corporation

Part # N32905KDN
Description  Display Control Application Processor
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

N32905KDN Datasheet(HTML) 47 Page - Nuvoton Technology Corporation

Back Button N32905KDN Datasheet HTML 43Page - Nuvoton Technology Corporation N32905KDN Datasheet HTML 44Page - Nuvoton Technology Corporation N32905KDN Datasheet HTML 45Page - Nuvoton Technology Corporation N32905KDN Datasheet HTML 46Page - Nuvoton Technology Corporation N32905KDN Datasheet HTML 47Page - Nuvoton Technology Corporation N32905KDN Datasheet HTML 48Page - Nuvoton Technology Corporation N32905KDN Datasheet HTML 49Page - Nuvoton Technology Corporation N32905KDN Datasheet HTML 50Page - Nuvoton Technology Corporation N32905KDN Datasheet HTML 51Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 70 page
background image
N3290X DATASHEET
Nuvoton Technology Corp.
47
Release Date: Oct., 2018
http://www.nuvoton.com/
Rev. A6.2
Pin No
Name
Type
Group
Description
CFG[0]
OU SYSTEM
Chip Power-On Configuration Bit [0], Input
54
GPD[6]
IOU GPIOD
GPIO Port D Bit 6
SD2_DAT[2]
IOU SD2
SD Port 2 Data Bit 2
55
GPD[5]
IOU GPIOD
GPIO Port D Bit 5
SD2_DAT[3]
IOU SD2
SD Port 2 Data Bit 3
56
GPD[8]
IOU GPIOD
GPIO Port D Bit 8
SD2_CMD
IOU SD2
SD Port 2 Command/Response
57
GPD[7]
IOU GPIOD
GPIO Port D Bit 7
SD2_CLK
OU SD2
SD Port 2 Clock, Output
58
GPE[9]
IOU GPIOE
GPIO Port E Bit 9
SD2_DAT[0]
IOU SD2
SD Port 2 Data Bit 0
59
GPE[8]
IOU GPIOE
GPIO Port E Bit 8
SD2_DAT[1]
IOU SD2
SD Port 2 Data Bit 1
60
VDD33
P
I/O
I/O Power (3.3V)
61
URTXD
OU UART
UART TX Data, Output
GPA[10]
IOU GPIOA
GPIO Port A Bit 10
SPI1_CS1_
OU SPI1
SPI Port 1 Device Select 1, Output, Low Active
62
URRXD
IU
UART
UART RX Data, Input
GPA[11]
IOU GPIOA
GPIO Port A Bit 11
LMVSYNC
OU LCD
MPU LCD Interface VSYNC, Output
LFMARK
IU
LCD
MPU LCD Interface Frame Mark, Input
63
ISDA
IOU I2C
I2C Interface Data
GPB[14]
IOU GPIOB
GPIO Port B Bit 14
LFMARK
IU
LCD
MPU LCD Interface Frame Mark, Input
LMVSYNC
OU LCD
MPU LCD Interface Mode VSYNC, Output
64
ISCK
OU I2C
I2C Interface Clock, Output
GPB[13]
IOU GPIOB
GPIO Port B Bit 13
EPAD VSS
P
GND
Ground (0V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com