Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N32905KDN Datasheet(PDF) 28 Page - Nuvoton Technology Corporation

Part # N32905KDN
Description  Display Control Application Processor
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

N32905KDN Datasheet(HTML) 28 Page - Nuvoton Technology Corporation

Back Button N32905KDN Datasheet HTML 24Page - Nuvoton Technology Corporation N32905KDN Datasheet HTML 25Page - Nuvoton Technology Corporation N32905KDN Datasheet HTML 26Page - Nuvoton Technology Corporation N32905KDN Datasheet HTML 27Page - Nuvoton Technology Corporation N32905KDN Datasheet HTML 28Page - Nuvoton Technology Corporation N32905KDN Datasheet HTML 29Page - Nuvoton Technology Corporation N32905KDN Datasheet HTML 30Page - Nuvoton Technology Corporation N32905KDN Datasheet HTML 31Page - Nuvoton Technology Corporation N32905KDN Datasheet HTML 32Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 70 page
background image
N3290X DATASHEET
Nuvoton Technology Corp.
28
Release Date: Oct., 2018
http://www.nuvoton.com/
Rev. A6.2
Pin No Name
Type
Group
Description
GPA[11]
IOU
GPIOA
GPIO Port A Bit 11
LMVSYNC
OU
LCD
MPU LCD Interface VSYNC, Output
LFMARK
IU
LCD
MPU LCD Interface Frame Mark, Input
124
SPDATA[1]
IU
CAP
Sensor Interface Data Bit 1, Input
GPB[6]
IOU
GPIOB
GPIO Port B Bit 6
I2S_DIN
IU
I²S
I2S Interface Data Input
125
SPDATA[0]
IU
CAP
Sensor Interface Data Bit 0, Input
GPB[5]
IOU
GPIOB
GPIO Port B Bit 5
I2S_DOUT
OU
I2S
I2S Interface Data Output
SD1_DAT[2]
IOU
SD1
SD Port 1 Data Bit 2
126
SFIELD
IU
CAP
Sensor Interface Even/ODD Field Indicator, Input
GPB[4]
IOU
GPIOB
GPIO Port B Bit 4
I2S_WS
OU
I²S
I2S Interface Word Select, Output
SD1_DAT[3]
IOU
SD1
SD Port 1 Data Bit 3
127
SVSYNC
IU
CAP
Sensor Interface VSYNC, Input
GPB[3]
IOU
GPIOB
GPIO Port B Bit 3
I2S_BCLK
IU
I²S
I2S Interface Clock, Input
SD1_CMD
IOU
SD1
SD Port 1 Command/Response
128
SHSYNC
IU
CAP
Sensor Interface HSYNC, Input
GPB[2]
IOU
GPIOB
GPIO Port B Bit 2
I2S_MCLK
OU
I²S
Clock to I2S Codec, Output
SD1_CLK
OU
SD1
SD Port 1 Clock, Output
4.2
N32901R1DN, N32903R5DN and N32905R3DN Pin Description
Pin No Name
Type Group
Description
1
SPI0_CS0_
IOU SPI0
SPI Port 0 Device Select 0, Low Active;Output in Master
Mode;Input in Slave Mode
GPD[13]
IOU GPIOD
GPIO Port D Bit 13
2
SPI0_DI
IU
SPI0
SPI Port 0 Data Input
GPD[14]
IOU GPIOD
GPIO Port D Bit 14
3
SPI0_DO
OU SPI0
SPI Port 0 Data Output
GPD[15]
IOU GPIOD
GPIO Port D Bit 15
4
SD0_DAT[2]
IOU SD0
SD Port 0 Data Bit 2
GPE[4]
IOU GPIOE
GPIO Port E Bit 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com