Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N32905KDN Datasheet(PDF) 21 Page - Nuvoton Technology Corporation

Part # N32905KDN
Description  Display Control Application Processor
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

N32905KDN Datasheet(HTML) 21 Page - Nuvoton Technology Corporation

Back Button N32905KDN Datasheet HTML 17Page - Nuvoton Technology Corporation N32905KDN Datasheet HTML 18Page - Nuvoton Technology Corporation N32905KDN Datasheet HTML 19Page - Nuvoton Technology Corporation N32905KDN Datasheet HTML 20Page - Nuvoton Technology Corporation N32905KDN Datasheet HTML 21Page - Nuvoton Technology Corporation N32905KDN Datasheet HTML 22Page - Nuvoton Technology Corporation N32905KDN Datasheet HTML 23Page - Nuvoton Technology Corporation N32905KDN Datasheet HTML 24Page - Nuvoton Technology Corporation N32905KDN Datasheet HTML 25Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 70 page
background image
N3290X DATASHEET
Nuvoton Technology Corp.
21
Release Date: Oct., 2018
http://www.nuvoton.com/
Rev. A6.2
Pin No Name
Type
Group
Description
GPE[2]
IOU
GPIOE
GPIO Port E Bit 2
14
SD0_DAT[1]
IOU
SD0
SD Port 0 Data Bit 1
GPE[3]
IOU
GPIOE
GPIO Port E Bit 3
15
XIN
I
XTAL
12MHz Crystal Input
16
XOUT
O
XTAL
12MHz Crystal Output
17
VDD18
P
Core
Core Logic Power (1.8V)
18
VSSQ
G
MVDD
SDRAM I/F Ground (0V)
19
MVDD
P
MVDD
SDRAM Power, please follow that:
MVDD=1.8V powered when N32903U5DN or N32905U3DN
are installation
MVDD=3.3V powered when N32901U1DN is installation
20
VSSQ
G
MVDD
SDRAM Ground (0V)
21
MVDD
P
MVDD
SDRAM Power, please follow that:
MVDD=1.8V powered when N32903U5DN or N32905U3DN
are installation
MVDD=3.3V powered when N32901U1DN is installation
22
MVDD
P
MVDD
SDRAM Power, please follow that:
MVDD=1.8V powered when N32903U5DN or N32905U3DN
are installation
MVDD=3.3V powered when N32901U1DN is installation
23
NC
--
NC
when N32901U1DN is installation
MVREF
P
MVDD
1/2 MVDD (0.9V) for DDR_VREF, when N32903U5DN or
N32905U3DN are installation
24
PLL_UD_VDD18
P
PLL & USB PLL & USB2.0 Device Core Power (1.8V)
25
UD_VSS
G
USB
USB2.0 Device Ground (0V)
26
UD_DM
I/O
USB
USB 2.0 Device D-.
27
UD_DP
I/O
USB
USB 2.0 Device D+.
28
UD_VDD33
P
USB
USB 2.0 Device PHY 3.3V
29
UD_REXT
O
USB
External Resistor 12.1K resistor connected to ground
30
MVDD
P
MVDD
SDRAM Power, please follow that:
MVDD=1.8V powered when N32903U5DN or N32905U3DN
are installation
MVDD=3.3V powered when N32901U1DN is installation
31
VSS
G
GND
Ground (0V)
32
LVDATA[17]
IOU
LCD
SYNC/MPU LCD Interface Data Bit 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com