Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N32905KDN Datasheet(PDF) 46 Page - Nuvoton Technology Corporation

Part # N32905KDN
Description  Display Control Application Processor
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

N32905KDN Datasheet(HTML) 46 Page - Nuvoton Technology Corporation

Back Button N32905KDN Datasheet HTML 42Page - Nuvoton Technology Corporation N32905KDN Datasheet HTML 43Page - Nuvoton Technology Corporation N32905KDN Datasheet HTML 44Page - Nuvoton Technology Corporation N32905KDN Datasheet HTML 45Page - Nuvoton Technology Corporation N32905KDN Datasheet HTML 46Page - Nuvoton Technology Corporation N32905KDN Datasheet HTML 47Page - Nuvoton Technology Corporation N32905KDN Datasheet HTML 48Page - Nuvoton Technology Corporation N32905KDN Datasheet HTML 49Page - Nuvoton Technology Corporation N32905KDN Datasheet HTML 50Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 70 page
background image
N3290X DATASHEET
Nuvoton Technology Corp.
46
Release Date: Oct., 2018
http://www.nuvoton.com/
Rev. A6.2
Pin No
Name
Type
Group
Description
38
GPA[4]
IOU GPIOA
GPIO Port A Bit 4
UHL_DM1
IOU USB
USB Host 1.0 Lite Port 1, D-
39
GPA[3]
IOU GPIOA
GPIO Port A Bit 3
UHL_DP1
IOU USB
USB Host 1.0 Lite Port 1, D+
40
GPA[2]
IOU GPIOA
GPIO Port A Bit 2
LMVSYNC
OU LCD
MPU LCD Interface VSYNC, Output
LFMARK
IU
LCD
MPU LCD Interface Frame Mark, Input
41
RST_
IU
SYSTEM
System Reset, Input, Low Active
WDT_RST_
OU SYSTEM
Watch-Dog Reset, Output, Low Active
42
TCK
ID
JTAG
JTAG Interface Test Clock, Input
GPD[0]
IOD GPIOD
GPIO Port D Bit 0
SPI1_CS1_
OD SPI1
SPI Port 1 Device Select 1, Output, Low Active
PWM0
OD PWM
PWM Channel 0
43
TMS
IU
JTAG
JTAG Interface Test Mode Select, Input
GPD[1]
IOU GPIOD
GPIO Port D Bit 1
HUR_TXD
OU UART
High-Speed UART TX Data, Output
PWM1
OU PWM
PWM Channel 1
44
TDI
IU
JTAG
JTAG Interface Test Data In, Input
GPD[2]
IOU GPIOD
GPIO Port D Bit 2
HUR_RXD
IU
UART
High-Speed UART RX Data, Input
PWM2
OU PWM
PWM Channel 2
45
TDO
OU JTAG
JTAG Interface Test Data Out, Output
GPD[3]
IOU GPIOD
GPIO Port D Bit 3
PWM3
OU PWM
PWM Channel 3
46
TRST_
IU
JTAG
JTAG Interface Test Reset, Input, Low Active
GPD[4]
IOU GPIOD
GPIO Port D Bit 4
SPI0_CS1_
OU SPI0
SPI Port 0 Device Select 1, Output, Low Active
47
UD_CDET
I
USB
USB Device Connect Detect, Input, High Active
48
VDD18
P
Core
Core Logic Power (1.8V)
49
MVDD33
P
MVDD33
SDRAM I/O Power (3.3V)
50
VDDQ
P
MVDD33
SDRAM Power (3.3V)
51
AVDD33
P
AUDIO
Audio DAC Power (3.3V)
52
VDD18
P
Core
Core Logic Power (1.8V)
53
GPA[7]
IOU GPIOA
GPIO Port A Bit 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com