Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N32905KDN Datasheet(PDF) 10 Page - Nuvoton Technology Corporation

Part # N32905KDN
Description  Display Control Application Processor
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

N32905KDN Datasheet(HTML) 10 Page - Nuvoton Technology Corporation

Back Button N32905KDN Datasheet HTML 6Page - Nuvoton Technology Corporation N32905KDN Datasheet HTML 7Page - Nuvoton Technology Corporation N32905KDN Datasheet HTML 8Page - Nuvoton Technology Corporation N32905KDN Datasheet HTML 9Page - Nuvoton Technology Corporation N32905KDN Datasheet HTML 10Page - Nuvoton Technology Corporation N32905KDN Datasheet HTML 11Page - Nuvoton Technology Corporation N32905KDN Datasheet HTML 12Page - Nuvoton Technology Corporation N32905KDN Datasheet HTML 13Page - Nuvoton Technology Corporation N32905KDN Datasheet HTML 14Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 70 page
background image
N3290X DATASHEET
Nuvoton Technology Corp.
10
Release Date: Oct., 2018
http://www.nuvoton.com/
Rev. A6.2
UART
A high speed UART supported:
Baud rate is up to 1M bps
4 signals TX, RX, CTS and RTS supported
A normal UART supported:
Baud rate is up to 115.2K bps
2 signals TX and RX supported only
SPI
SPI controller is supported
N3290xRxDN and N3290xUxDN series support one SPI controller
N3290xKxDN series can support up to two SPI controllers
Both master and slave mode are supported in SPI interface
Two chip selection signals for two SPI devices
I2C
One I2C channel supported
Compatible with Philips’s I2C standard and only master mode supported
Multi-master operation supported
Advanced Interrupt Controller
Total 32 interrupt source supported
Configurable interrupt type:
Low-active level triggered interrupt
High-active level triggered interrupt
Low-active edge (falling edge) triggered interrupt
High-active edge (rising edge) triggered interrupt
Individual interrupt mask bit for each interrupt source
8 different priority levels supported
Daisy-chain priority mechanism supported for interrupts with same priority
level
Low priority interrupt automatic masking supported for interrupt nesting
RTC
Independent power plane supported
32.768 KHz crystal oscillation circuit supported
Time counter (second, minute, hour) and Calendar counter (day, month,
year) supported
Alarm supported (second, minute, hour, day, month and year)
12/24-hour mode and Leap year supported
Alarm to wake chip up from Standby mode or from Power-down mode
supported
Wake chip up from Power-down mode by input pin supported
Power-off chip by register setting supported
Power-on timeout is supported for low battery protection
GPIO
80 programmable general purpose I/Os supported and separated into 5
groups
Individual configuration supported for each I/O signal
Configurable interrupt control functions supported



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com