Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM7580 Datasheet(PDF) 4 Page - OKI electronic componets

Part # MSM7580
Description  ITU-T G.721 ADPCM TRANSCODER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7580 Datasheet(HTML) 4 Page - OKI electronic componets

  MSM7580 Datasheet HTML 1Page - OKI electronic componets MSM7580 Datasheet HTML 2Page - OKI electronic componets MSM7580 Datasheet HTML 3Page - OKI electronic componets MSM7580 Datasheet HTML 4Page - OKI electronic componets MSM7580 Datasheet HTML 5Page - OKI electronic componets MSM7580 Datasheet HTML 6Page - OKI electronic componets MSM7580 Datasheet HTML 7Page - OKI electronic componets MSM7580 Datasheet HTML 8Page - OKI electronic componets MSM7580 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4/17
¡ Semiconductor
MSM7580
PIN AND FUNCTIONAL DESCRIPTIONS
GND
Ground, 0 V.
SIP1, SOP1
PCM serial data input (SIP1) and output (SOP1) for Channel 1.
SOP1 is an open-drain output, which goes into a high impedance state after a continuous 8-bit
serial data output.
SIP2, SOP2
PCM serial data input (SIP2) and output (SOP2) for Channel 2.
SOP2 is an open-drain output, which goes into a high impedance state after a continuous 8-bit
serial data output.
PAD/ MUTE
Control input for the selection of PAD or MUTE mode.
When digital "1" is input, the PAD mode is selected and when digital "0" is input, the MUTE mode
is selected.
THR1, THR2
Control pins for the data through modes.
THR1 and THR2 are for Channel 1 and Channel 2, respectively. The data-through mode is
selected when digital “1” is applied to THR1 and THR2. In this mode, 8-bit serial input data
applied to SIA1 and SIA2 (ADPCM data input) is passed to the PCM serial data output pins,
SOP1 and SOP2, without any data modification. SOP1 and SOP2 go to the high impedance state
after the output of 8-bit data has been applied to SIA1 and SIA2.
Conversely 8-bit serial input data applied to SIP1 and SIP2 (PCM data input) is passed to
ADPCM serial data output pins, SOA1 and SOA2, without any data modification.
SOA1 and SOA2 go to the high impedance state after the output of 8-bit data has been applied
to SIP1 and SIP2.
Since ADPCM and PCM data interfaces have the mutually independent signal input pins for
synchronizing signals the time slots for data input and output can be exchanged between them.
Some timing at which data may be deleted or duplicated as described in "Notes on Usage" should
not be used.
MUTE1, MUTE2
Setting a digital "1"at these pins sets the PCM output to the idle pattern state regardless of the
ADPCM input data, when the MUTE mode is selected by the PAD/MUTE pin.
When the PAD mode is selected, the PCM output has a 12 dB loss.
Normally, these pins are set to a digital "0".
When the data through mode is selected, the function of these pins is invalid.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com