Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM7580 Datasheet(PDF) 7 Page - OKI electronic componets

Part # MSM7580
Description  ITU-T G.721 ADPCM TRANSCODER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7580 Datasheet(HTML) 7 Page - OKI electronic componets

Back Button MSM7580 Datasheet HTML 3Page - OKI electronic componets MSM7580 Datasheet HTML 4Page - OKI electronic componets MSM7580 Datasheet HTML 5Page - OKI electronic componets MSM7580 Datasheet HTML 6Page - OKI electronic componets MSM7580 Datasheet HTML 7Page - OKI electronic componets MSM7580 Datasheet HTML 8Page - OKI electronic componets MSM7580 Datasheet HTML 9Page - OKI electronic componets MSM7580 Datasheet HTML 10Page - OKI electronic componets MSM7580 Datasheet HTML 11Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
7/17
¡ Semiconductor
MSM7580
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Condition
Rating
Unit
V
V
°C
0 to 7
–0.3 to VDD + 0.3
–55 to +150
—
—
—
VDD
VDIN
TSTG
Power Supply Voltage
Digital Input Voltage
Storage Temperature
RECOMMENDED OPERATING CONDITIONS
Parameter
Power Supply Voltage
Operating Temperature
Digital Input High Voltage
Digital Input Low Voltage
Bit Clock Frequency
Synchronous
Signal Frequency
Clock Duty Ratio
Digital Input Rise Time
Digital Input Fall Time
Synchronous Signal Timing
CODER
Synchronous Signal Timing
DECODER
Synchronous
Signal Width
Data Set-up Time
Data Hold Time
Digital Output Load
Symbol
VDD
Ta
VIH
VIL
FBCLKA
FBCLKP
FSYNC
DC
tIr
tIf
tXS
tSX
tSX
tSR
tWS
tDS
tDH
RDL
CDL
Condition
—
—
All Digital Input Pins
BCLKA
BCLKP
SYNCP1, SYNCP2,
SYNCA1, SYNCA2
BCLKA, BCLKP
All Digital Input Pins
BCLKA, BCLKP to SYNCP
SYNCP to BCLKA, BCLKP
BCLKA, BCLKP to SYNCA
SYNCA to BCLKA, BCLKP
SYNCP1, SYNCP2,
SYNCA1, SYNCA2
—
—
SOP1, SOP2, SOA1, SOA2
(Pull-up Resistor)
SOP1, SOP2, SOA1, SOA2,
DET1, DET2
Min.
4.5
–30
2.2
0
32
64
—
30
—
—
100
100
100
100
1 BCLK
100
100
500
—
Typ.
—
+25
—
—
—
—
8.0
50
—
—
—
—
—
—
—
—
—
—
—
Max.
5.5
+80
VDD
0.6
2048
2048
—
70
50
50
—
—
—
—
100
—
—
—
100
Unit
V
°C
V
V
kHz
kHz
kHz
%
ns
ns
ns
ns
ns
ns
ms
ns
ns
W
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com