Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM7580 Datasheet(PDF) 6 Page - OKI electronic componets

Part # MSM7580
Description  ITU-T G.721 ADPCM TRANSCODER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7580 Datasheet(HTML) 6 Page - OKI electronic componets

Back Button MSM7580 Datasheet HTML 2Page - OKI electronic componets MSM7580 Datasheet HTML 3Page - OKI electronic componets MSM7580 Datasheet HTML 4Page - OKI electronic componets MSM7580 Datasheet HTML 5Page - OKI electronic componets MSM7580 Datasheet HTML 6Page - OKI electronic componets MSM7580 Datasheet HTML 7Page - OKI electronic componets MSM7580 Datasheet HTML 8Page - OKI electronic componets MSM7580 Datasheet HTML 9Page - OKI electronic componets MSM7580 Datasheet HTML 10Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6/17
¡ Semiconductor
MSM7580
SYNCA1 , SYNCA2
Synchronous signal input pins.
SYNCA1 and SYNCA 2 control the ADPCM data input/output timing for Channel 1 (SIA1,
SOA1) and Channel 2 (SIA2, SOA2), respectivery.
The ADPCM data can be input or output with timing other than the PCM data interface.
Therefore PCM and ADPCM interfaces can be used at a mutually independent timing except
some timing.
Since master clocks are generated by the internal PLL using SYNCA, a synchronous signal
should be input to there pins.
Note: When PCM and ADPCM data interfaces are used at a mutually independent timing, the
timing described in "Notes on Usage" should not be used.
DET1, DET2
Special ADPCM input data pattern detect pins.
When a 4-bit continuous "0" pattern at the ADPCM input pins Channel 1 (STA1) and Channel 2
(SIA2) is detected, DET1 and DET2 go from a digital "0" to a digital "1" state.
A digital "1" is output at the rising edge of the clock.
The fourth data bit (LSB) is clocked into the register by the bit clock (BCLKA) and the held there
until the rising edge in the next time frame.
When detecting the special data pattern in the next time frame, the digital "1" on the pins DET
(1, 2) is remains. When the THR1 pin or THR2 pin is at digital "1" level, the functions of these pins
are invalid.
RES1, RES2
Algorithm reset signal input pins for Channel 1 (RES1) and Channel 2 (RES2).
When a digital “0” is applied, the entire transcoder goes to its initial state.
This reset is defined by ITU-T G.721 and is an optional reset.
BCLKA
Bit clock input pin used to define the data transmission speed at the ADPCM interface.
This pin can be used for Channels 1 and 2, which allows the ADPCM data interface speed to be
defined differently than the PCM data interface speed.
VDD
Power supply.
The device must operate at +5 V
±10%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com