Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM7580 Datasheet(PDF) 16 Page - OKI electronic componets

Part # MSM7580
Description  ITU-T G.721 ADPCM TRANSCODER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7580 Datasheet(HTML) 16 Page - OKI electronic componets

Back Button MSM7580 Datasheet HTML 10Page - OKI electronic componets MSM7580 Datasheet HTML 11Page - OKI electronic componets MSM7580 Datasheet HTML 12Page - OKI electronic componets MSM7580 Datasheet HTML 13Page - OKI electronic componets MSM7580 Datasheet HTML 14Page - OKI electronic componets MSM7580 Datasheet HTML 15Page - OKI electronic componets MSM7580 Datasheet HTML 16Page - OKI electronic componets MSM7580 Datasheet HTML 17Page - OKI electronic componets MSM7580 Datasheet HTML 18Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
16/17
¡ Semiconductor
MSM7580
In this device, internal operating signals are generated according to the ADPCM side SYNC
(SYNCA) signal.
The timings are shouwn in the figures (a) and (b);
The arithmetic operation of CODER is performed at "A" in the figure (a).
The arithmetic operation of DECODER is performed at "B" in the figure (b).
Therefore, when the conversion delay time Tsip of the CODER is less than t1, ADPCM is output
at the timing of Tsoa.
When Tsip is more than t1, ADPCM is output at the timing of Tsoa + 125ms.
For DECODER, when Tsia<t3 and Tsop<t2, the conversion delay time is Tsop-Tsia.
As mentioned above, a data ship may occur at Tsip=t1 in CODER, and at Tsia=t3 and Tsop=t2
in DECODER.
Therefore, the timings of SYNC signals of both PCM and ADPCM sides should not be set up in
the range about
±500nsec of Tsip=t1, Tsia=t3 and Tsop=t2.
For normal operation, SYNC clocks for ADPCM and PCM sides should be continuous at 8 kHz
and synchronized with each other even if their phases are different.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com