Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM7580 Datasheet(PDF) 13 Page - OKI electronic componets

Part # MSM7580
Description  ITU-T G.721 ADPCM TRANSCODER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7580 Datasheet(HTML) 13 Page - OKI electronic componets

Back Button MSM7580 Datasheet HTML 9Page - OKI electronic componets MSM7580 Datasheet HTML 10Page - OKI electronic componets MSM7580 Datasheet HTML 11Page - OKI electronic componets MSM7580 Datasheet HTML 12Page - OKI electronic componets MSM7580 Datasheet HTML 13Page - OKI electronic componets MSM7580 Datasheet HTML 14Page - OKI electronic componets MSM7580 Datasheet HTML 15Page - OKI electronic componets MSM7580 Datasheet HTML 16Page - OKI electronic componets MSM7580 Datasheet HTML 17Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
13/17
¡ Semiconductor
MSM7580
APPLICATION CIRCUIT
MSM7580GS-K
8 kHz SYNC SIGNAL
(Channel2)
Shift Clock
(Channel1, 2)
(64 kHz to 2048 kHz)
VDD
VDD
SIP1
SOA1
SOP1
SIA1
THR1
SYNCA1
MUTE1
RES1
SIP2
SOP2
THR2
MUTE2
SYNCP2
PAD/MUTE
BCLKP
GND
LAW
SOA2
SIA2
SYNCA2
RES2
DET2
PDN2
VDD
BCLKA
PDN1
SYNCP1
DET1
CODER2
PCM Input
GND
VDD
10
mF
1
mF
+
–
GND
VDD
DECODER2
PCM Output
CODER2
ADPCM Output
DECODER2
ADPCM Input
CODER1
ADPCM Output
DECODER1
ADPCM Input
CODER1
PCM Input
DECODER1
PCM Output
8 kHz SYNC SIGNAL
(Channel1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com