Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM7580 Datasheet(PDF) 2 Page - OKI electronic componets

Part # MSM7580
Description  ITU-T G.721 ADPCM TRANSCODER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7580 Datasheet(HTML) 2 Page - OKI electronic componets

  MSM7580 Datasheet HTML 1Page - OKI electronic componets MSM7580 Datasheet HTML 2Page - OKI electronic componets MSM7580 Datasheet HTML 3Page - OKI electronic componets MSM7580 Datasheet HTML 4Page - OKI electronic componets MSM7580 Datasheet HTML 5Page - OKI electronic componets MSM7580 Datasheet HTML 6Page - OKI electronic componets MSM7580 Datasheet HTML 7Page - OKI electronic componets MSM7580 Datasheet HTML 8Page - OKI electronic componets MSM7580 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
SIP1
SYNCP1
SOP1
LAW
THR1
THR2
SIP2
SYNCP2
SOP2
SIA2
SYNCA2
SOA2
DET2
RES2
RES1
DET1
SIA1
SYNCA1
SOA1
BCLKP
MUTE1
BCLKA
PDN1 PDN2
MUTE2
PAD/
MUTE
VDD
GND
CODER
P
S
DECODER
P
S
DECODER
P
S
CODER
P
S
CODER
DECODER
CODER
DECODER
CODER
S
P
DECODER
S
P
DECODER
S
P
CODER
S
P
MUTE /
PAD
+5 V
0 V
MUTE /
PAD
POWER DOWN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com