Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM7580 Datasheet(PDF) 10 Page - OKI electronic componets

Part # MSM7580
Description  ITU-T G.721 ADPCM TRANSCODER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7580 Datasheet(HTML) 10 Page - OKI electronic componets

Back Button MSM7580 Datasheet HTML 6Page - OKI electronic componets MSM7580 Datasheet HTML 7Page - OKI electronic componets MSM7580 Datasheet HTML 8Page - OKI electronic componets MSM7580 Datasheet HTML 9Page - OKI electronic componets MSM7580 Datasheet HTML 10Page - OKI electronic componets MSM7580 Datasheet HTML 11Page - OKI electronic componets MSM7580 Datasheet HTML 12Page - OKI electronic componets MSM7580 Datasheet HTML 13Page - OKI electronic componets MSM7580 Datasheet HTML 14Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
10/17
¡ Semiconductor
MSM7580
PAD/MUTE Processing Timing
78.125
ms
121.09
ms
78.125
ms
Internal 12dBPAD Processing Timing
Internal MUTE Processing Timing
78.125
ms
BCLKA
SYNCA
SIA
MSB
LSB
PAD Mode; MUTE1 and MUTE 2 Timings
PAD/MUTE="H"
SYNCP
MUTE1, 2
BCLKP
SOP










0dB transmit data
12dB loss transmit data
MSB
LSB
0dB transmit data
MUTE Mode; MUTE1 and MUTE 2 Timings
PAD/MUTE="L"
SYNCP
MUTE1, 2
BCLKP
SOP










0dB transmit data
MUTE (idle channel state)
MSB
LSB
0dB transmit data
As mentioned above, PAD and MUTE processings are carried out according to the rising edge
of SYNCA.
Even if BCLK is not 128 kHz, these processings are performed in the absolute time counted from
the rising edge of SYNCA.
Therefore, MUTE1 and MUTE 2 pins must be controlled so as to cover there processsings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com