Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM7580 Datasheet(PDF) 1 Page - OKI electronic componets

Part # MSM7580
Description  ITU-T G.721 ADPCM TRANSCODER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7580 Datasheet(HTML) 1 Page - OKI electronic componets

  MSM7580 Datasheet HTML 1Page - OKI electronic componets MSM7580 Datasheet HTML 2Page - OKI electronic componets MSM7580 Datasheet HTML 3Page - OKI electronic componets MSM7580 Datasheet HTML 4Page - OKI electronic componets MSM7580 Datasheet HTML 5Page - OKI electronic componets MSM7580 Datasheet HTML 6Page - OKI electronic componets MSM7580 Datasheet HTML 7Page - OKI electronic componets MSM7580 Datasheet HTML 8Page - OKI electronic componets MSM7580 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1/17
¡ Semiconductor
MSM7580
¡ Semiconductor
MSM7580
ITU-T G.721 ADPCM TRANSCODER
GENERAL DESCRIPTION
The MSM7580 is an ADPCM transcoder which is used by the new digital cordless system. It
converts 64 kbps voice PCM serial data to 32 kbps ITU-T G.721 ADPCM serial data, and vice
versa.
This device consists of two systems with full-duplex voice data channels and a data-through
mode.
The MSM7580 provides cost effective solutions for digital cordless office telephone systems
which are incorporated into PABXs and for the public base stations which are connected to the
central office through digital PSTNs.
FEATURES
• Conforms to ITU-T G.721
• Built-in Full-duplex Transcoder with Two Data channels
• PCM companding Law: A-law/
µ-law selectable
• Synchronized Operation between coder and decoder, and between two channels.
• Serial PCM Data Transmission Speed: 64 kbps to 2048 kbps
• Serial ADPCM Data Transmission Speed: 32 kbps to 2048 kbps
• Hardware Reset – ITU-T G.721 Optional Reset – for each channel
• Power Down Control for each channel
• Decoder (ADPCM Æ PCM ) MUTE Mode and PAD Mode for each channel
• ADPCM Data-through Mode
• Capable of time slot conversion
• Special ADPCM Input Data Code (”0000”) Detector for each channel
• Master Clock Signal : Not necessary
• Power supply voltage/Consumption current :
+5 V
±10%, 2.5 mA/channel
• Package :
28-pin plastic SOP (SOP28-P-430-1.27-K) (Product name : MSM7580GS-K)
E2U0031-39-61
This version: Jun. 1999
Previous version: Aug. 1998


Similar Part No. - MSM7580

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7581 OKI-MSM7581 Datasheet
165Kb / 18P
ITU-T G.721 4ch ADPCM TRANSCODER
MSM7582 OKI-MSM7582 Datasheet
181Kb / 24P
pie/4 Shift QPSK MODEM
MSM7582B OKI-MSM7582B Datasheet
181Kb / 24P
pie/4 Shift QPSK MODEM
logo
List of Unclassifed Man...
MSM7582B ETC2-MSM7582B Datasheet
2Mb / 25P
?/4 Shift QPSK MODEM
MSM7582B ETC2-MSM7582B Datasheet
2Mb / 25P
?/4 Shift QPSK MODEM
More results

Similar Description - MSM7580

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC145532 MOTOROLA-MC145532 Datasheet
220Kb / 16P
ADPCM Transcoder
logo
OKI electronic componet...
MSM7581 OKI-MSM7581 Datasheet
165Kb / 18P
ITU-T G.721 4ch ADPCM TRANSCODER
logo
Mitel Networks Corporat...
MT9125 MITEL-MT9125 Datasheet
299Kb / 16P
CMOS Dual ADPCM Transcoder
MT9126 MITEL-MT9126 Datasheet
312Kb / 22P
CMOS Quad ADPCM Transcoder
logo
Hitachi Semiconductor
HD81803 HITACHI-HD81803 Datasheet
928Kb / 36P
ADPCM TRANSCODER CONFORMING TO G.721
logo
OKI electronic componet...
MSM6981-01 OKI-MSM6981-01 Datasheet
133Kb / 15P
32 kbps ADPCM TRANSCODER
MSM7719-01 OKI-MSM7719-01 Datasheet
220Kb / 40P
Echo Canceler with ADPCM Transcoder
logo
Zarlink Semiconductor I...
ZL38010 ZARLINK-ZL38010 Datasheet
516Kb / 27P
Low Power Quad ADPCM Transcoder
logo
Bourns Electronic Solut...
TISP7015L1 BOURNS-TISP7015L1_10 Datasheet
635Kb / 1P
ITU-T
logo
List of Unclassifed Man...
ML7202-001 ETC2-ML7202-001 Datasheet
641Kb / 65P
2-Channel Echo Canceler with Multifunction ADPCM Transcoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com