Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM7580 Datasheet(PDF) 11 Page - OKI electronic componets

Part # MSM7580
Description  ITU-T G.721 ADPCM TRANSCODER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7580 Datasheet(HTML) 11 Page - OKI electronic componets

Back Button MSM7580 Datasheet HTML 7Page - OKI electronic componets MSM7580 Datasheet HTML 8Page - OKI electronic componets MSM7580 Datasheet HTML 9Page - OKI electronic componets MSM7580 Datasheet HTML 10Page - OKI electronic componets MSM7580 Datasheet HTML 11Page - OKI electronic componets MSM7580 Datasheet HTML 12Page - OKI electronic componets MSM7580 Datasheet HTML 13Page - OKI electronic componets MSM7580 Datasheet HTML 14Page - OKI electronic componets MSM7580 Datasheet HTML 15Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
11/17
¡ Semiconductor
MSM7580
THR Processing Timing
Timing Block Diagrams, when CODER and DECODER output data, are shown in the following
figures.
The parallel to serial conversion of the output unit employs a load format and the load point is
at the rising edge of a synchronous signal.
Therefore, input THR signal with respect to SYNCA for CODER with timing of satisfying ts and
th conditions shown in the figure.
For DECODER, THR signal should be input even when through-data is input.
The input timing should satisfy the conditions shown in the following figures.
CODER
8
Through-data
4b
ADPCM
CODER
8b
S
E
L
SYNCA
SOA
BCLKA
Serial
Parallel
SYNCP
SIP
BCLKP
THR
Latch timing=A
MSB
LSB
th
ts
MSB
ts=100ns or more
th=100ns or more
PCM side SYNC (SYNCP)
PCM Input (SIP)
Internal Latch timing (A)
Internal Input Data
ADPCM side SYNC (SYNCA)
Through-data Output (SOA)
BCLKA
THR
Through-data
Parallel
Serial
Latch
Note: That data-ship may occur when the rising edge (data load point) of SYNCA and input of
the internal latch timing overlap each other.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com