Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM7580 Datasheet(PDF) 5 Page - OKI electronic componets

Part # MSM7580
Description  ITU-T G.721 ADPCM TRANSCODER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7580 Datasheet(HTML) 5 Page - OKI electronic componets

  MSM7580 Datasheet HTML 1Page - OKI electronic componets MSM7580 Datasheet HTML 2Page - OKI electronic componets MSM7580 Datasheet HTML 3Page - OKI electronic componets MSM7580 Datasheet HTML 4Page - OKI electronic componets MSM7580 Datasheet HTML 5Page - OKI electronic componets MSM7580 Datasheet HTML 6Page - OKI electronic componets MSM7580 Datasheet HTML 7Page - OKI electronic componets MSM7580 Datasheet HTML 8Page - OKI electronic componets MSM7580 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5/17
¡ Semiconductor
MSM7580
SYNCP1, SYNCP2
Synchronous signal input.
SYNCP1 and SYNCP2 control the PCM data input/output timing for Channel 1 (SIP1, SOP1)
and Channel 2 (SIP2, SOP2), respectively.
Since other synchronous signal input pins SYNCA1 and SYNCA 2 for ADPCM interfaces are also
provided, the PCM and ADPCM data can be input or output with different timing.
PCM and ADPCM data interfaces can be used at a mutually independent timing except same
timing.
Note: When PCM and ADPCM data interfaces are used at a mutually independent timing, the
timing described in "Notes on Usage" should not be used.
BCLKP
Bit clock input.
This signal defines the PCM data transmission speed at the PCM data input/output pins.
BCLKP is used for Channels 1 and 2. Since BCLKA defines the data rate of the ADPCM data
interface, the PCM and ADPCM data can be input or output at different speeds.
LAW
PCM data companding law (A-law/m-law) selection.
Digital “1” and “0” correspond to A-law and
µ-law, respectively.
PDN1, PDN2
Power down mode selection.
PDN1 and PDN2 can be independently set to power down mode. When a digital “0” is applied,
these pins are in the power-down mode.
SIA1, SOA1
ADPCM serial data input (SIA1) and output (SOA1) pins for Channel 1.
SOA1 is an open-drain pin and enters to the high impedance state after outputting a continuous
4-bit serial data stream. When the data-through mode is selected, SOA1 enters to the high
impedance state after outputting an 8-bit serial data stream.
SIA2, SOA2
ADPCM serial data input (SIA2) and output (SOA2) pins for Channel 2.
These pins function the same as SIA1 and SOA1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com