Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM7580 Datasheet(PDF) 8 Page - OKI electronic componets

Part # MSM7580
Description  ITU-T G.721 ADPCM TRANSCODER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7580 Datasheet(HTML) 8 Page - OKI electronic componets

Back Button MSM7580 Datasheet HTML 4Page - OKI electronic componets MSM7580 Datasheet HTML 5Page - OKI electronic componets MSM7580 Datasheet HTML 6Page - OKI electronic componets MSM7580 Datasheet HTML 7Page - OKI electronic componets MSM7580 Datasheet HTML 8Page - OKI electronic componets MSM7580 Datasheet HTML 9Page - OKI electronic componets MSM7580 Datasheet HTML 10Page - OKI electronic componets MSM7580 Datasheet HTML 11Page - OKI electronic componets MSM7580 Datasheet HTML 12Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
8/17
¡ Semiconductor
MSM7580
ELECTRICAL CHARACTERISTICS
DC Characteristics
AC Characteristics
(VDD = 4.5 V to 5.5 V, Ta = –30°C to +80°C)
Parameter
Power Supply Current
Input High Voltage
Input Low Voltage
Input Leakage
Current
Digital
Output High Voltage
Digital
Output Low Voltage
Output Leakage Current
Input Capacitance
Symbol
IDD1
IDD2
VIH
VIL
IIH
IIL
VOH
VOL1
VOL2
IOL
CIN
Condition
Power On Mode: 2 Channels
Power Down Mode: 2 Channels
—
—
VI = VDD
VI = 0 V
DET1, DET2 : IOH = –0.4 mA
1 LSTTL, Pull-up : 500
W
DET1, DET2 : IOL = 1.6 mA
SOP1, SOP2, SOA1, SOA2
—
Min.
—
—
2.2
0.0
—
—
2.8
0.0
0.0
—
—
Typ
5
0.1
—
—
—
—
—
0.2
0.2
—
5
Max.
10
0.2
VDD
0.6
2.0
0.5
VDD
0.4
0.4
10
—
Unit
mA
mA
V
V
mA
mA
V
V
V
mA
pF
Symbol
Condition
1 LSTTL + 100 pF
Pull-up: 500
W
Parameter
Digital Output Delay Time
tSDX
tSDR
tXD1, tRD1
tXD2, tRD2
tXD3, tRD3
tDD1
tDD2
Min.
Typ.
Max.
Unit
200
ns
0
0
0
0
0
0
0
—
—
—
—
—
—
—
200
200
200
200
200
200
ns
ns
ns
ns
ns
ns
(VDD = 4.5 V to 5.5 V,Ta = –30°C to +80°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com