Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82801E Datasheet(PDF) 7 Page - Intel Corporation

Part # 82801E
Description  Intel 82801E Communications I/O Controller Hub (C-ICH)
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82801E Datasheet(HTML) 7 Page - Intel Corporation

Back Button 82801E Datasheet HTML 3Page - Intel Corporation 82801E Datasheet HTML 4Page - Intel Corporation 82801E Datasheet HTML 5Page - Intel Corporation 82801E Datasheet HTML 6Page - Intel Corporation 82801E Datasheet HTML 7Page - Intel Corporation 82801E Datasheet HTML 8Page - Intel Corporation 82801E Datasheet HTML 9Page - Intel Corporation 82801E Datasheet HTML 10Page - Intel Corporation 82801E Datasheet HTML 11Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 84 page
background image
Intel® 82801E C-ICH
Advance Information Datasheet
7
1.0
Introduction
The Intel
® 82801E Communications I/O Controller Hub (82801E C-ICH) is a highly integrated
multifunctional communications I/O controller hub that provides the interface to the PCI bus and
integrates many of the functions needed in today’s communications applications. This document
provides a detailed description of the 82801E C-ICH thermal, electrical and mechanical
specifications, including signals, pinout, packaging, electrical characteristics, and testability.
Figure 1 illustrates the typical system configuration using the 82801E C-ICH. Figure 2 is a
simplified block diagram of the functional units of the 82801E C-ICH.
Figure 1. System Configuration
Main
Memory
Processor
sys_blk_CICH.vsd
PCI Bus
Up to Four
PCI Slots
Host
Controller
Communications
I/O Controller Hub
(C-ICH)
FWH
Two USB Ports
GPIO
LPC I/F
Graphics
Controller
SMBus
Device(s)
SMBus
ATA/100/66/33
4 IDE Drives
Hub Interface
Two LAN Controllers
Two UARTs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com