Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82801E Datasheet(PDF) 30 Page - Intel Corporation

Part # 82801E
Description  Intel 82801E Communications I/O Controller Hub (C-ICH)
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82801E Datasheet(HTML) 30 Page - Intel Corporation

Back Button 82801E Datasheet HTML 26Page - Intel Corporation 82801E Datasheet HTML 27Page - Intel Corporation 82801E Datasheet HTML 28Page - Intel Corporation 82801E Datasheet HTML 29Page - Intel Corporation 82801E Datasheet HTML 30Page - Intel Corporation 82801E Datasheet HTML 31Page - Intel Corporation 82801E Datasheet HTML 32Page - Intel Corporation 82801E Datasheet HTML 33Page - Intel Corporation 82801E Datasheet HTML 34Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 84 page
background image
Intel® 82801E C-ICH
30
Advance Information Datasheet
PDCS3#
O
Primary IDE Device Chip Select for 300 Range: This signal is for the ATA
control register block. This output signal is connected to the corresponding
signal on the primary IDE connector.
PDD[15:0]
I/O
Primary IDE Device Data: These signals directly drive the corresponding
signals on the primary IDE connector. There is a weak internal pull-down
resistor on PDD[7].
PDDACK#
O
Primary IDE Device DMA Acknowledge: This signal directly drives the
DAK# signal on the primary IDE connector. This signal is asserted by the
82801E C-ICH to indicate to the IDE DMA slave device that a given data
transfer cycle (assertion of DIOR# or DIOW#) is a DMA data transfer cycle.
This signal is used in conjunction with the PCI bus master IDE function and is
not associated with any AT-compatible DMA channel.
PDDREQ
I
Primary IDE Device DMA Request: This input signal is directly driven from
the DRQ signal on the primary IDE connector. It is asserted by the IDE device
to request a data transfer, and used in conjunction with the PCI bus master
IDE function. This signal is not associated with any AT-compatible DMA
channel. There is a weak internal pull-down resistor on PDDREQ.
PDIOR#
/(PDWSTB
/PRDMARDY#)
O
Primary Disk I/O Read (PIO and Non-Ultra DMA): This is the command to
the IDE device that it may drive data on the PDD lines. Data is latched by the
82801E C-ICH on the deassertion edge of PDIOR#. The IDE device is
selected either by the ATA register file chip selects (PDCS1#, PDCS3#) and
the PDA lines, or the IDE DMA acknowledge (PDDAK#).
Primary Disk Write Strobe (Ultra DMA Writes to Disk): PDWSTB is the
data write strobe for writes to disk. When writing to disk, the 82801E C-ICH
drives valid data on rising and falling edges of PDWSTB.
Primary Disk DMA Ready (Ultra DMA Reads from Disk): PRDMARDY# is
the DMA ready for reads from disk. When reading from disk, the 82801E
C-ICH deasserts PRDMARDY# to pause burst data transfers.
PDIOW#
/(PDSTOP)
O
Primary Disk I/O Write (PIO and Non-Ultra DMA): This is the command to
the IDE device that it may latch data from the PDD lines. Data is latched by
the IDE device on the deassertion edge of PDIOW#. The IDE device is
selected either by the ATA register file chip selects (PDCS1#, PDCS3#) and
the PDA lines, or the IDE DMA acknowledge (PDDAK#).
Primary Disk Stop (Ultra DMA): 82801E C-ICH asserts PDSTOP to
terminate a burst.
PERR#
I/O
Parity Error: An external PCI device drives PERR# when it receives data that
has a parity error. The 82801E C-ICH drives PERR# when it detects a parity
error. The ICH can either generate an NMI# or SMI# upon detecting a parity
error (either detected internally or reported via the PERR# signal).
PIORDY
/(PDRSTB
/PWDMARDY#)
I
Primary I/O Channel Ready (PIO): This signal keeps the strobe active
(PDIOR# on reads, PDIOW# on writes) longer than the minimum width. It
adds wait states to PIO transfers.
Primary Disk Read Strobe (Ultra DMA Reads from Disk): When reading
from disk, the 82801E C-ICH latches data from the disk on rising and falling
edges of PDRSTB.
Primary Disk DMA Ready (Ultra DMA Writes to Disk): When writing to disk,
PWDMARDY# is deasserted by the disk to pause burst data transfers.
PIRQ[A:D]#
I/OD
PCI Interrupt Requests: In Non-APIC Mode the PIRQx# signals can be
routed to interrupts 3:7, 9:12, 14, or 15 as described in the Interrupt Steering
section. Each PIRQx# line has a separate Route Control Register.
In APIC mode, these signals are connected to the internal I/O APIC in the
following fashion: PIRQ[A]# is connected to IRQ16, PIRQ[B]# to IRQ17,
PIRQ[C]# to IRQ18, and PIRQ[D]# to IRQ19. This frees the ISA interrupts.
Table 6.
82801E C-ICH Signal Description (Sheet 6 of 11)
Signal
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com