Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82801E Datasheet(PDF) 42 Page - Intel Corporation

Part # 82801E
Description  Intel 82801E Communications I/O Controller Hub (C-ICH)
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82801E Datasheet(HTML) 42 Page - Intel Corporation

Back Button 82801E Datasheet HTML 38Page - Intel Corporation 82801E Datasheet HTML 39Page - Intel Corporation 82801E Datasheet HTML 40Page - Intel Corporation 82801E Datasheet HTML 41Page - Intel Corporation 82801E Datasheet HTML 42Page - Intel Corporation 82801E Datasheet HTML 43Page - Intel Corporation 82801E Datasheet HTML 44Page - Intel Corporation 82801E Datasheet HTML 45Page - Intel Corporation 82801E Datasheet HTML 46Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 84 page
background image
Intel® 82801E C-ICH
42
Advance Information Datasheet
3.2.9
USB Interface
3.2.10
Power Signals
Table 15. USB Interface Signals
Name
Type
Description
USBP0P
USBP0N
USBP1P
USBP1N
I/O
Universal Serial Bus Port 1:0 Differential: These differential pairs are used to
transmit Data/Address/Command signals for ports 0 and 1.
OC[1:0]#
I
Overcurrent Indicators: These signals set corresponding bits in the USB
controllers to indicate that an overcurrent condition has occurred.
Table 16. Power Signals
Name
Type
Description
PWROK
I
Power OK: When asserted, PWROK is an indication to the 82801E C-ICH that
core power and PCICLK have been stable for at least 1 ms. PWROK can be driven
asynchronously. When PWROK is negated, the 82801E C-ICH asserts PCIRST#.
RSM_PWROK
I
Resume Well Power OK: When asserted, this signal is an indication to the
82801E C-ICH that the resume well power has been stable for at least 10 ms.
NOTE: The 82801E C-ICH does not use the resume well power OK signal.
RSMRST#
I
Resume Well Reset: RSMRST# is used for resetting the resume power plane
logic.
NOTE: The 82801E C-ICH does not use the resume well reset signal.
VRMPWRGD
I
VRM Power Good: VRMPWRGD should be connected to be the processor’s VRM
Power Good.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com