Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82801E Datasheet(PDF) 84 Page - Intel Corporation

Part # 82801E
Description  Intel 82801E Communications I/O Controller Hub (C-ICH)
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82801E Datasheet(HTML) 84 Page - Intel Corporation

Back Button 82801E Datasheet HTML 76Page - Intel Corporation 82801E Datasheet HTML 77Page - Intel Corporation 82801E Datasheet HTML 78Page - Intel Corporation 82801E Datasheet HTML 79Page - Intel Corporation 82801E Datasheet HTML 80Page - Intel Corporation 82801E Datasheet HTML 81Page - Intel Corporation 82801E Datasheet HTML 82Page - Intel Corporation 82801E Datasheet HTML 83Page - Intel Corporation 82801E Datasheet HTML 84Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 84 / 84 page
background image
Intel® 82801E C-ICH
84
Advance Information Datasheet
5.3.1
XOR Chain Testability Algorithm Example
XOR chain testing allows motherboard manufacturers to check component connectivity (e.g.,
opens and shorts to VCC or GND). An example algorithm to do this is shown in Table 62.
In this example, Vector 1 applies all “0s” to the chain inputs. The outputs being non-inverting, will
consistently produce a “1” at the XOR output on a good board. One short to Vcc (or open floating
to Vcc) will result in a “0” at the chain output, signaling a defect.
Likewise, applying Vector 7 (all “1s”) to the chain inputs (given that there are an even number of
input signals in the chain), will consistently produce a “1” at the XOR chain output on a good
board. One short to Vss (or open floating to Vss) will result in a “0” at the chain output, signaling a
defect. It is important to note that the number of inputs pulled to “1” will affect the expected chain
output value. If the number of chain inputs pulled to “1” is even, then expect “1” at the output. If
the number of chain inputs pulled to “1” is odd, expect “0” at the output.
Continuing with the example in Table 62, as the input pins are driven to “1” across the chain in
sequence, the XOR Output will toggle between “0” and “1.” Any break in the toggling sequence
(e.g., “1011”) will identify the location of the short or open.
5.3.1.1
Test Pattern Consideration for XOR Chain 4
When the 82801E C-ICH is operated with the Hub Interface in “Normal” mode (See “Functional
Straps” on page 49), the HL_STB and HL_STB# signals must always be driven to complementary
logic levels. For example, if a “1” is driven on HL_STB, then a “0” must be driven on HL_STB#
and vice versa. This will need to be considered in applying test patterns to this chain.
When the 82801E C-ICH is operated with the Hub Interface in “Enhanced” mode there are no
restrictions on the values that may be driven onto the HL_STB and HL_STB# signals.
Table 62. XOR Test Pattern Example
Vector
Input
Pin 1
Input
Pin 2
Input
Pin 3
Input
Pin 4
Input
Pin 5
Input
Pin 6
XOR
Output
10
00
00
01
21
00
00
00
31
10
00
01
41
11
00
00
51
11
10
01
61
11
11
00
71
11
11
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com