Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82801E Datasheet(PDF) 45 Page - Intel Corporation

Part # 82801E
Description  Intel 82801E Communications I/O Controller Hub (C-ICH)
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82801E Datasheet(HTML) 45 Page - Intel Corporation

Back Button 82801E Datasheet HTML 41Page - Intel Corporation 82801E Datasheet HTML 42Page - Intel Corporation 82801E Datasheet HTML 43Page - Intel Corporation 82801E Datasheet HTML 44Page - Intel Corporation 82801E Datasheet HTML 45Page - Intel Corporation 82801E Datasheet HTML 46Page - Intel Corporation 82801E Datasheet HTML 47Page - Intel Corporation 82801E Datasheet HTML 48Page - Intel Corporation 82801E Datasheet HTML 49Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 84 page
background image
Intel® 82801E C-ICH
Advance Information Datasheet
45
3.2.15
Other Clocks
3.2.16
Universal Asynchronous Receive and Transmit (UART 0,1)
Table 21. Other Clocks
Name
Type
Description
CLK14
I
Oscillator Clock: CLK14 is used for 8254 timers and runs at 14.31818 MHz.
CLK48
I
48 MHz Clock: CLK48 is used to for the USB controller and runs at 48 MHz.
CLK66
(HLCLK)
I
66 MHz Clock (HLCLK): CLK66 is used for the hub interface and runs at 66 MHz.
Table 22. Universal Asynchronous Receive And Transmit (UART 0, 1) (Sheet 1 of 2)
Signal Name
Type
Description
UART_CLK
I
Input clock to the SIU. This clock is passed to the baud clock generation logic of
each UART in the SIU.
SIU0_CTS#
SIU1_CTS#
I
Clear to Send: Active low, this pin indicates that data can be exchanged
between CICH and external interface. These pins have no effect on the
transmitter.
NOTE: These pins could be used as Modem Status Inputs whose condition can
be tested by the processor by reading bit 4 (CTS) of the Modem Status
register (MSR). Bit 4 is the complement of the CTS# signal. Bit 0
(DCTS) of the MSR indicates whether the CTS# input has changed state
since the previous reading of the MSR. When the CTS bit of the MSR
changes state an interrupt is generated if the Modem Status Interrupt is
enabled.
SIU0_DCD#
SIU1_DCD#
I
Data Carrier Detect for UART0 and UART1: Active low, this pin indicates that
data carrier has been detected by the external agent.
NOTE: These pins are Modem Status Inputs whose condition can be tested by
the processor by reading bit 7 (DCD) of the Modem Status register
(MSR). Bit 7 is the complement of the DCD# signal. Bit 3 (DDCD) of the
MSR indicates whether the DCD# input has changed state since the
previous reading of the MSR. When the DCD bit of the MSR changes
state an interrupt is generated if the Modem Status Interrupt is enabled.
SIU0_DSR#
SIU1_DSR#
I
Data Set Ready for UART0 and UART1: Active low, this pin indicates that the
external agent is ready to communicate with 82801E C-ICH UARTs. These pins
have no effect on the transmitter.
NOTE: These pins could be used as Modem Status Input whose condition can
be tested by the processor by reading bit 5 (DSR) of the Modem Status
register. Bit 5 is the complement of the DSR# signal. Bit 1 (DDSR) of the
Modem status register (MSR) indicates whether the DSR# input has
changed state since the previous reading of the MSR. When the DSR bit
of the MSR changes state an interrupt is generated if the Modem Status
Interrupt is enabled.
SIU0_DTR#
SIU1_DTR#
O
Data Terminal Ready for UART0 and UART1: When low these pins informs the
modem or data set that 82801E C-ICH UART0 and UART1 are ready to establish
a communication link. The DTR#x(x=0,1) output signals can be set to an active
low by programming the DTRx (x-0,1) (bit0) of the Modem control register to a
logic ‘1’. A Reset operation sets this signal to its inactive state (logic ‘1’). LOOP
mode operation holds this signal in its inactive state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com