Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82801E Datasheet(PDF) 46 Page - Intel Corporation

Part # 82801E
Description  Intel 82801E Communications I/O Controller Hub (C-ICH)
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82801E Datasheet(HTML) 46 Page - Intel Corporation

Back Button 82801E Datasheet HTML 42Page - Intel Corporation 82801E Datasheet HTML 43Page - Intel Corporation 82801E Datasheet HTML 44Page - Intel Corporation 82801E Datasheet HTML 45Page - Intel Corporation 82801E Datasheet HTML 46Page - Intel Corporation 82801E Datasheet HTML 47Page - Intel Corporation 82801E Datasheet HTML 48Page - Intel Corporation 82801E Datasheet HTML 49Page - Intel Corporation 82801E Datasheet HTML 50Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 84 page
background image
Intel® 82801E C-ICH
46
Advance Information Datasheet
3.2.17
SIU LPC Interface
SIU0_RI#
SIU1_RI#
I
Ring Indicator for UART0 and UART1: Active low, this pin indicates that a
telephone ringing signal has been received by the external agent.
NOTE: These pins are Modem Status Input whose condition can be tested by
the processor by reading bit 6 (RI) of the Modem Status register (MSR).
Bit 6 is the complement of the RI# signal. Bit 2 (TERI) of the MSR
indicates whether the DCD# input has changed state since the previous
reading of the MSR. When the RI bit of the MSR changes state an
interrupt is generated if the Modem Status Interrupt is enabled.
SIU0_RTS#
SIU1_RTS#
O
Request to Send for UART0 and UART1: When low these pins informs the
modem or data set that 82801E C-ICH UART0 and UART1 are ready to establish
a communication link. The RTS#x(x=0,1) output signals can be set to an active
low by programming the RTSx (x-0,1) (bit1) of the Modem control register to a
logic ‘1’. A Reset operation sets this signal to its inactive state (logic ‘1’). LOOP
mode operation holds this signal in its inactive state.
SIU0_RXD
SIU1_RXD
I
Serial Inputs for UART0 and UART1: Serial data input from device pin to the
receive port.
SIU0_TXD
SIU1_TXD
O
Serial Output for UART0 and UART1: Serial data output to the communication
peripheral/modem or data set. Upon reset, the TXD pins will be set to MARKING
condition (logic ‘1’ state).
Table 23. SIU Interface
Signal Name
Type
Description
SIU_LAD[3:0]
I/O
SIU LPC Multiplexed Command, Address, Data: Internal pull-ups are provided.
SIU_LCLK
I
SIU LPC clock input to SIU: 33 MHz LPC clock.
SIU_LDRQ#
O
SIU LPC Serial DMA/Master Request Output: Used by SIU devices to indicate a
DMA request.
NOTE: These signals have weak internal pull-up resistors to avoid external glue.
SIU_LFRAME#
I
SIU LPC Frame: Indicates the start of an LPC cycle, or an abort.
SIU_RESET#
I
SIU RESET: This signal should be tied to PCI RESET.
SIU_SERIRQ
I/O
SIU Serial IRQ input: This pin receives the serial interrupt protocol from external
devices. Pull up if unused.
Table 22. Universal Asynchronous Receive And Transmit (UART 0, 1) (Sheet 2 of 2)
Signal Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com